Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4489 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT4489
Description  ACT 4489 SINGLE TRANSCEIVER FOR MIL-STD-1553/1760
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4489 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT4489 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4489 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4489 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4489 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4489 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4489 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4489 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CIRCUIT TECHNOLOGY
www.aeroflex.com/act1.htm
eroflex Circuit T
echnology – Data Bus Modules For The Future © SCD4489 REV A 1/29/98
General Description
The
Aeroflex
Circuit
Technology ACT 4489 is a next
generation monolithic transceiver
design
which
provides
full
compliance to MIL-STD-1553A/B
and 1760 requirements in a small
package
with
low
power
consumption.
The ACT 4489 series performs
the front-end analog function of
inputting
and
outputting
data
through
a
transformer
to
the
MIL-STD-1553 data bus.
Design of this transceiver reflects
particular attention to active filter
performance. This results in low bit
and word error rate with superior
waveform purity and minimal zero
crossover
distortion.
Efficient
transmitter electrical and thermal
design provides low internal power
dissipation and heat rise at high as
well as low duty cycles.
Transmitter:
The Transmitter section accepts
bi-phase TTL data at the input and
when coupled to the data bus with a
1:1 ratio transformer, isolated on
the data bus side with two 52.5
Ohm fault isolation resistors, and
loaded
by
two
70
Ohm
terminations, the data bus signal is
typically 7 Volts P-P at point A (See
Figure 5). When both DATA and
DATA inputs are held low or high,
the transmitter output becomes a
high impedance and is “removed”
from
the
line.
In
addition,
an
overriding “INHIBIT" input provides
Block Diagram (Without Transformer)
ACTIVE
OUTPUT
STAGE
COMP.
COMP.
REFERENCE
ACTIVE
FILTER
INPUT
AMPLIFIER
DRIVER
TX DATA IN
TX DATA IN
TX INHIBIT IN
RX DATA IN
RX DATA IN
RX STROBE IN
TX DATA OUT
TX DATA OUT
RX DATA OUT
RX DATA OUT
FILTER
-12V (VEE)
GND3
+5V (VL)
GND1
+12V (VCC)
GND2
CASE
Features
• +5 / ±12 Volt Supply Operation
• Low Power Dissipation
• Small Size & Light Weight
• Outstanding MIL-STD-1553 performance
• Radiation Hard Dielectric Isolation Monolithic
Construction for Severe Environments
• Superior High Frequency Line Transient and
Input Ripple Rejection
• Input and Output TTL Compatible Design
• Processed and Screened to MIL-STD-883 Specs
• MIL-PRF-38534 Compliant Devices Available
ACT 4489 SINGLE TRANSCEIVER
FOR MIL-STD-1553/1760


Similar Part No. - ACT4489

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4489-D AEROFLEX-ACT4489-D Datasheet
99Kb / 7P
ACT 4489 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4489-DF AEROFLEX-ACT4489-DF Datasheet
99Kb / 7P
ACT 4489 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4489-DFI AEROFLEX-ACT4489-DFI Datasheet
99Kb / 7P
ACT 4489 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4489-DI AEROFLEX-ACT4489-DI Datasheet
99Kb / 7P
ACT 4489 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4489111111 AEROFLEX-ACT4489111111 Datasheet
99Kb / 7P
ACT 4489 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
More results

Similar Description - ACT4489

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
5531760 AEROFLEX-5531760 Datasheet
94Kb / 7P
ACT 4487 SINGLE TRANSCEIVER FOR MIL-STD-1553/1760
ACT4402 AEROFLEX-ACT4402 Datasheet
89Kb / 7P
ACT4402 SINGLE TRANSCEIVER FOR MIL-STD-1553/1760
ACT4433 AEROFLEX-ACT4433 Datasheet
97Kb / 7P
ACT 4433 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4436 AEROFLEX-ACT4436 Datasheet
94Kb / 7P
ACT 4436 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4453 AEROFLEX-ACT4453 Datasheet
122Kb / 8P
ACT 4453 / 4463 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
ACT4455 AEROFLEX-ACT4455 Datasheet
126Kb / 8P
ACT 4455 / 4459 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
ACT4458 AEROFLEX-ACT4458 Datasheet
127Kb / 8P
ACT 4458 / 4464 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
ACT4487 AEROFLEX-ACT4487 Datasheet
99Kb / 7P
ACT 4487 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4489111111 AEROFLEX-ACT4489111111 Datasheet
99Kb / 7P
ACT 4489 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com