Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4489 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # ACT4489
Description  ACT 4489 SINGLE TRANSCEIVER FOR MIL-STD-1553/1760
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4489 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  ACT4489 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4489 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4489 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4489 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4489 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4489 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4489 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Aeroflex Circuit Technology
SCD4489 Rev A 1/29/98 Plainview NY (516) 694-6700
3
Absolute Maximum Ratings
Operating case temperature
-55°C to +125°C
Storage case temperature
-65°C to +150°C
Power supply voltage
VCC
VEE
VL
-0.3 V to +18 V
+0.3 V to-18 V
-0.3 V to +7.0 V
Logic input voltage
-0.3 V to +5.5 V
Receiver differential input
±40 VP-P
Receiver input voltage (common mode)
±10 V
Driver peak output current
300 mA
Total package power dissipation over the full operating
case temperature rise
2.5 Watts
Maximum junction to case temperature
10°C
Thermal resistance – junction to case
4°C/W
Electrical Characteristics — Driver Section
Input Characteristics, TX DATA IN or TX DATA IN (Notes 2 & 3 apply)
Parameter
Condition
Symbol
Min
Typ
Ma
x
Unit
"0" Input Current
VIN = 0.4 V
IILD
-0.1
-0.2
mA
"1" Input Current
VIN = 2.7 V
IIHD
1
40
µA
"0" Input Voltage
VIHD
0.7
V
"1" Input Voltage
VIHD
2.0
V
Inhibit Characteristics
"0" Input Current
VIN = 0.4 V
IILI
-0.1
-0.2
mA
"1" Input Current
VIN=2.7V
IIHI
1.0
40
µA
"0" Input Voltage
VILI
0.7
V
"1" Input Voltage
VIHI
2.0
V
Delay from TX inhibit, (0¡1) to inhibited output
From mid pt
inhibit to
±1.2V pt B,
See Figure 5
tDXOFF
175
225
nS
Delay from TX inhibit, (1¡0) to active output
tDXON
90
150
nS
Differential output noise, inhibit mode
VNOI
2
10
mVP-P
Differential output impedance (inhibited) Note 1
See Figure 5
Point B
ZOI
2K
Ω
Point C
ZOI
1K
Ω
Output Characteristics
Differential output level,
See Figure 5
Point A
VO
6
7
9
VP-P
Rise and fall times(10% to 90% at pt A output)
See Figure 5
Point A
tr
100
160
300
nS
Output offset, Figure 3, 2.5µS after midpoint
crossing of the parity bit of the last word of a 660µS
message See Figure 5
Point A
VOS
± 90
mV peak
Delay from 50% point of TX DATA or TX DATA input
to zero crossing of differential signal. See Fig 5
Point A
tDXT
100
200
nS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com