Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTSF128K16 Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # ACTSF128K16
Description  ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACTSF128K16 Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button ACTSF128K16 Datasheet HTML 3Page - Aeroflex Circuit Technology ACTSF128K16 Datasheet HTML 4Page - Aeroflex Circuit Technology ACTSF128K16 Datasheet HTML 5Page - Aeroflex Circuit Technology ACTSF128K16 Datasheet HTML 6Page - Aeroflex Circuit Technology ACTSF128K16 Datasheet HTML 7Page - Aeroflex Circuit Technology ACTSF128K16 Datasheet HTML 8Page - Aeroflex Circuit Technology ACTSF128K16 Datasheet HTML 9Page - Aeroflex Circuit Technology ACTSF128K16 Datasheet HTML 10Page - Aeroflex Circuit Technology ACTSF128K16 Datasheet HTML 11Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Aeroflex Circuit Technology
SCD1677 REV A 4/28/98 Plainview NY (516) 694-6700
Pin Numbers & Functions
66 Pins — PGA-Type
Pin #
Function
Pin #
Function
Pin #
Function
Pin #
Function
1
SI/O8
18
A12
35
FI/O9
52
FWE1
2
SI/O9
19
Vcc
36
FI/O10
53
FCE1
3
SI/O10
20
SCE1
37
A6
54
GND
4
A13
21
NC
38
A7
55
FI/O3
5
A14
22
SI/O3
39
NC
56
FI/O15
6
A15
23
SI/O15
40
A8
57
FI/O14
7
A16
24
SI/O14
41
A9
58
FI/O13
8
NC
25
SI/O13
42
FI/O0
59
FI/O12
9
SI/O0
26
SI/O12
43
FI/O1
60
A0
10
SI/O1
27
OE
44
FI/O2
61
A1
11
SI/O2
28
NC
45
VCC
62
A2
12
SWE2
29
SWE1
46
FCE2
63
FI/O7
13
SCE2
30
SI/O7
47
FWE2
64
FI/O6
14
GND
31
SI/O6
48
FI/O11
65
FI/O5
15
SI/O11
32
SI/O5
49
A3
66
FI/O4
16
A10
33
SI/O4
50
A4
17
A11
34
FI/O8
51
A5
1.085 SQ
1.000
.600
1.000
.100
.020
.016
.100
.180
TYP
1.030
1.040
.160
Pin 56
Pin 66
Pin 11
Pin 1
Bottom View (P7 & P3)
MAX
MAX
"P3" — 1.08" SQ PGA Type (without shoulder) Package
"P7" — 1.08" SQ PGA Type (with shoulder) Package
1.030
1.040
.020
.016
.100
.025
.185
MAX
Side View
(P7)
Side View
(P3)
.050
.180
TYP
.035
All dimensions in inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com