Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTSF128K16 Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # ACTSF128K16
Description  ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACTSF128K16 Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button ACTSF128K16 Datasheet HTML 3Page - Aeroflex Circuit Technology ACTSF128K16 Datasheet HTML 4Page - Aeroflex Circuit Technology ACTSF128K16 Datasheet HTML 5Page - Aeroflex Circuit Technology ACTSF128K16 Datasheet HTML 6Page - Aeroflex Circuit Technology ACTSF128K16 Datasheet HTML 7Page - Aeroflex Circuit Technology ACTSF128K16 Datasheet HTML 8Page - Aeroflex Circuit Technology ACTSF128K16 Datasheet HTML 9Page - Aeroflex Circuit Technology ACTSF128K16 Datasheet HTML 10Page - Aeroflex Circuit Technology ACTSF128K16 Datasheet HTML 11Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Aeroflex Circuit Technology
SCD1677 REV A 4/28/98 Plainview NY (516) 694-6700
Pin Numbers & Functions
68 Pins — Dual-Cavity CQFP
Pin #
Function
Pin #
Function
Pin #
Function
Pin #
Function
1
GND
18
GND
35
OE
52
GND
2
FCE1
19
SI/O8
36
SCE2
53
FI/O7
3
A5
20
SI/O9
37
NC
54
FI/O6
4
A4
21
SI/O10
38
SWE2
55
FI/O5
5
A3
22
SI/O11
39
FWE1
56
FI/O4
6
A2
23
SI/O12
40
FWE2
57
FI/O3
7
A1
24
SI/O13
41
NC
58
FI/O2
8
A0
25
SI/O14
42
NC
59
FI/O1
9
NC
26
SI/O15
43
NC
60
FI/O0
10
SI/O0
27
Vcc
44
FI/O15
61
VCC
11
SI/O1
28
A11
45
FI/O14
62
A10
12
SI/O2
29
A12
46
FI/O13
63
A9
13
SI/O3
30
A13
47
FI/O12
64
A8
14
SI/O4
31
A14
48
FI/O11
65
A7
15
SI/O5
32
A15
49
FI/O10
66
A6
16
SI/O6
33
A16
50
FI/O9
67
SWE1
17
SI/O7
34
SCE1
51
FI/O8
68
FCE2
.015
±.002
All dimensions in inches
"F18" — CQFP Package
.015
.990 SQ
±.010
.940 SQ
±.010
.800 REF
See Detail “A”
±.002
Pin 60
Pin 44
Pin 43
Pin 27
Pin 26
Pin 10
Pin 9
.900 SQ
MAX
Pin 61
.140
REF
.640 SQ
REF
.008
±.002
Detail “A”
.010
±.008
.040
Metal spacer



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com