Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4810 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # 4810
Description  ARX4810 & 4810FP Universal Dual Transceivers for MIL-STD-1553 & MACAIR A3818, A5690, A5232 & A4905
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

4810 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  4810 Datasheet HTML 1Page - Aeroflex Circuit Technology 4810 Datasheet HTML 2Page - Aeroflex Circuit Technology 4810 Datasheet HTML 3Page - Aeroflex Circuit Technology 4810 Datasheet HTML 4Page - Aeroflex Circuit Technology 4810 Datasheet HTML 5Page - Aeroflex Circuit Technology 4810 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Aeroflex Circuit Technology
SCD4810 REV B 8/12/98
Plainview NY (516) 694-6700
4
Note 3. Measured at the bus side of the transformer, including the contribution from the transformer.
Note 4. Vcc= 5 Volts ±0.1 V, for all measurements unless otherwise specified.
Note 5. Specifications apply over the case temperature range of -55°C to +125°C unless otherwise specfied.
Note 6. All typical values are measured at +25°C
Note 7. A 1uf, 10 Volt capacitor is required on the TX/RX terminal for each transceiver as shown in Figure 5. A Sprague
194D type (.05" W x .10" L x .05" H ) is suggested.
Electrical Characteristics, Receiver Section
Parameter
Condition
Sym
Min
Typ
Max
Unit
Differential Input Impedance
f = 1MHz
ZIN
20K
Ω
Differential Voltage Range
VIDR
±4
V peak
Input Common Mode Voltage Range
Note 1
VICR
±2.5
V peak
Common Mode Rejection Ratio Note 3
Note 1
CMRR
40
dB
Strobe Characteristics (Logic "O" inhibits output) if not used, a 1K pullup to 5 V is recommended
"0" Input Current
VS = 0.4 V
IIL
-0.25
-0.4
mA
"1" Input Current
Vs = 2.7V
IIH
1
+40
µA
"0" Input Voltage
VIL
0.7
V
"1" Input Voltage
VIH
2.0
V
Strobe Delay (turn-on or turn-off)
Note 1
tSD
10
78
nS
Threshold Characteristics (Sinewave input )
Input Threshold Voltage
(referred to the bus)
100KHz-1MHz
VTH
0.60
0.8
1.15
VP-P
Output Characteristics, RX DATA and RX DATA
"1" State
IOH = -0.4 mA
VOH
2.5
3.4
V
"0" State
IOL = 4 mA
VOL
0.3
0.5
V
Delay, (average) from differential input zero cross-
ings to RX DATA and RX DATA output 50% points
tDRX
280
450
nS
Power Data
Maximum Currents, per channel (Power supplies used are -15V, and +5V)
Duty Cycle
-V
+V and Logic
Transmitter Standby
42 mA
48 mA
25% duty cycle, Note 1
85mA
90 mA
50% duty cycle
105 mA
110 mA
100% duty cycle, Note 1
140 mA
145 mA
Power supply Voltages
-V
-14.25 Volts to -15.75 Volts
Logic and +V
4.5 Volts to 5.5 Volts



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com