Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4810 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # 4810
Description  ARX4810 & 4810FP Universal Dual Transceivers for MIL-STD-1553 & MACAIR A3818, A5690, A5232 & A4905
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

4810 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  4810 Datasheet HTML 1Page - Aeroflex Circuit Technology 4810 Datasheet HTML 2Page - Aeroflex Circuit Technology 4810 Datasheet HTML 3Page - Aeroflex Circuit Technology 4810 Datasheet HTML 4Page - Aeroflex Circuit Technology 4810 Datasheet HTML 5Page - Aeroflex Circuit Technology 4810 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Aeroflex Circuit Technology
SCD4810 REV B 8/12/98
Plainview NY (516) 694-6700
6
Specifications subject to change without notice.
CIR C UIT TECHNOL OGY
Package Dimensions and Pin Outs
Notes
1. Dimensions shown are in inches
1.200 MAX
1.000
10 Equal Spaces @.100
.018 ±.002
.175
MIN
.065 ±.015
.140 MAX
.010 ±.002
TYP
1.200 MAX
1.000
10 Equal Spaces @.100
.310
MAX
.300 ±.010
.170
MIN
.140 MAX
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11830
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: 1-(800) THE-1553
Pin Numbers & Functions
Pin #
Function
Channel
1
INHIBIT
A
2TX DATA IN
A
3TX DATA IN
A
4STROBE
A
5
GROUND
A
6RX DATA OUT
B
7RX DATA OUT
B
8TX / RX
B
9TX / RX
B
10
-15V
B
11
+5V
B
12
INHIBIT
B
13
TX DATA IN
B
14
TX DATA IN
B
15
STROBE
B
16
GROUND
B
17
RX DATA OUT
A
18
RX DATA OUT
A
19
TX / RX
A
20
TX / RX
A
21
-15V
A
22
+5V
A
Flat Package
DIP Package
.310
MAX
.030 ±.010
.040
or .300
MIN



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com