Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PW153KB Datasheet(PDF) 1 Page - SL Power Electronics

Part # PW153KB
Description  Universal 40 Watt Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

PW153KB Datasheet(HTML) 1 Page - SL Power Electronics

  PW153KB Datasheet HTML 1Page - SL Power Electronics PW153KB Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PW153KB
Universal 40 Watt Series
ITE / Switch Mode Power Supply
LineandLoad
LineVoltage+/-1%
Regulation(Excludingcord)
LoadVoltage+/-5%
Ripple
1%Vp-pmax.
TransientResponse
0.5msfor50%
LoadchangeTypical
Protection
Over-currentProtection
(Hiccup)
ShortCircuitProtection
Output Specifications
InputVoltageRange
Universalinput
100-240VAC-10%,+10%
LineFrequency
47-63Hz
InputCurrent
90VACInput
1.2Amax.
Protection
InternalPrimary
CurrentFuse,
InrushLimiting
Input Specifications
ThermalPerformance Operatingtemperature 0°Cto40°C
fullload,noderating
convectionalcooling
Nonventedcase
RelativeHumidity
Non-condensing
5%to95%
Altitude
0-10,000feet
Environmental Specifications
Topology
Switching-Fixed
FrequencyFlyback
Efficiency
DesignedtoMeetEISA
Requirements—see
reverseside
Hold-upTime
@120VAC
18msmin.
@240VAC
80msmin.
DielectricWithstand
3,000VACor4,250VDC
Primary-Secondary
1,500VACor2,150VDC
Primary-F.G.;500VDC
Secondary-F.G.
StorageTemp
-30°Cto85°C
Approvalsand
UL60950-1,
SafetyStandards
IEC/EN60950-1
EMC:EN55022/55024/61000
MTBF
100,000CalculatedHours
CaseandDimension
Desktopstyle
3.98Lx2.4Wx1.34H(in)
101.0Lx61.0Wx34.0H(mm)
CaseMaterial
Black94V0
Polycarbonate
CordandConnectors
18AWG1,800mm
2Conductor.Ault#3
Connector.Otherconnectors
arealsoavailable.
General Specifications
Specifications
SL Power Electronics Corp 6050 King Drive Ventura, CA 93003 Phone:805.486.4565 Fax:858.712.2040 Email:info@slpower.com www.slpower.com
• 100-240 VAC Universal Input
• Desktop Style
• Single Output to 40W
• Five Models Available; 12V to 48V
• Regulated Output with Low Ripple
• Impact Resistant Polycarbonate Enclosure
• Modified and Custom Designs Also Available
• Designed to Meet EISA Requirements —
see reverse side for details
International Safety Standard Approvals


Similar Part No. - PW153KB

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
PW152 SLPOWER-PW152 Datasheet
350Kb / 2P
Universal 50 Watt Series
PW152KA05XX SLPOWER-PW152KA05XX Datasheet
350Kb / 2P
Universal 50 Watt Series
PW152KA09XX SLPOWER-PW152KA09XX Datasheet
350Kb / 2P
Universal 50 Watt Series
PW152KA12XX SLPOWER-PW152KA12XX Datasheet
350Kb / 2P
Universal 50 Watt Series
PW152KA15XX SLPOWER-PW152KA15XX Datasheet
350Kb / 2P
Universal 50 Watt Series
More results

Similar Description - PW153KB

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MW153KB SLPOWER-MW153KB Datasheet
321Kb / 2P
Universal 25-40 Watt Series
PENT1040A SLPOWER-PENT1040A Datasheet
258Kb / 2P
Universal 40 Watt (IEEE802.3af Non-Compliant)
PENT1040B SLPOWER-PENT1040B Datasheet
260Kb / 2P
Universal 40 Watt (Pre-IEEE802.3at Compliant)
PENT1040C SLPOWER-PENT1040C Datasheet
257Kb / 2P
Universal 40 Watt (IEEE802.3af Non-Compliant)
PENT1040D SLPOWER-PENT1040D Datasheet
259Kb / 2P
Universal 40 Watt (Pre-standard IEEE802.3at Compliant)
PW148RB SLPOWER-PW148RB Datasheet
322Kb / 2P
Universal 19.2 Watt Series
PW149RB SLPOWER-PW149RB Datasheet
342Kb / 2P
Universal 12 Watt Series
PW152 SLPOWER-PW152 Datasheet
350Kb / 2P
Universal 50 Watt Series
PW173KB SLPOWER-PW173KB Datasheet
185Kb / 3P
Universal 20 ??32 Watt Series
logo
TRACO Electronic AG
TEN40 TRACOPOWER-TEN40 Datasheet
947Kb / 6P
TEN 40 Series, 40 Watt
Rev. November 30, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com