Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PW153KB Datasheet(PDF) 2 Page - SL Power Electronics

Part # PW153KB
Description  Universal 40 Watt Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

PW153KB Datasheet(HTML) 2 Page - SL Power Electronics

  PW153KB Datasheet HTML 1Page - SL Power Electronics PW153KB Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PW153KB
Universal 40 Watt Series
ITE / Switch Mode Power Supply
Output
Max
Ripple
Ault Part Number
Voltage
Max
Watts
Vp-p max.
PW153KB12XX
12V
3.40A
40.8W
120mV
PW153KB15XX
15V
2.70A
40.5W
150mV
PW153KB18XX
18V
2.20A
40.0W
180mV
PW153KB24XX
24V
1.70A
40.8W
240mV
PW153KB48XX
48V
0.83A
39.8W
480mV
Output Current
PW153
K
B
12
XX
Product
Manufacturing
Design
Voltage
Connector
Family
Location
Revision
DC
Number
Name
Changes
Ault Part Number Key
PinoutCode
Centercontact:positive
Description
Switchcraft760plugorequivalent
SuggestedMating
Switchcraft712Ajackorequivalent
OtherConnectorsareavailablebyspecialorder.
Pin Connections
SL Power Electronics Corp 6050 King Drive Ventura, CA 93003 Phone:805.486.4565 Fax:858.712.2040 Email:info@slpower.com www.slpower.com
DataSheet©2008SLPowerElectronicsCorp.Theinformationandspecificationscontainedinthisdatasheetarebelievedtobecorrectattimeofpublication.
However,SLPoweracceptsnoresponsibilityforconsequencesarisingfromreproductionerrorsorinaccuracies.Specificationsaresubjecttochangewithoutnotice.
Rev.06/3/08
For the most current data and application support visit www.slpower.com
TheEnergyIndependenceandSecurityActof2007waspassedinDecember
of2007andaddressesminimumefficiencystandardsandstandbylevels
forClassAexternalpowersuppliesthatare250wattsandunder.Thislaw
stipulatesthatexternalpowersuppliesmanufacturedonJuly1,2008and
beyondmeetcertainminimumefficiencyandstandbycriteriaasdefined
below.
MinimumEfficiencyCriteria
Activemodeisdefinedaswhenapowersupply’sinputisconnectedtoline
voltageACanditsoutputisconnectedtoaDCorACloaddrawingaportion
oftheproduct’spoweroutput.Dependingonthepowerratingforthepower
supply,itmustmeettheminimumefficiencycriteriaoutlinedbelow.
Energy-EfficiencyCriteriaforActiveMode:
outputpoweron
minimumaverage
adapterlabel
efficiencypercentage
0to≤lessthan1watt
≥0.50*outputpoweronadapterlabel
>1to≤51watts
≥[0.09*Ln(outputpoweronadapter
label)]+0.50
>51watts
≥0.85
Thepowersupplymustalsomeetarequirementforwhenitsinputis
connectedtoalinevoltageACbutitsoutputisnotconnectedtoaload.
Dependingonthepoweroutputofthesupply,itmustkeepitsenergy
consumptionbelowthefollowingvalues.
EnergyConsumptionCriteriaforNoLoadMode:
outputpoweron
maximumpowerconsumption
adapterlabel
inno-loadmode
0to<250watts
≤0.5watts
2007 Energy Independence and Security Act – EISA
SpecifytheInputConfigurationCodeinyourorder.
Input Configuration
Shaver
C8
(N)
IEC320
w/ground
C14
(F)
IEC320
w/o ground
C18
(Q)
Australian
(E)
N. America/
Japan
(B)
Europe
(M)
United
Kingdom
(G)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com