Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R4400SC Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # R4400SC
Description  A MIPS R4400 RISC Microprocessor Multichip Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

R4400SC Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  R4400SC Datasheet HTML 1Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 2Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 3Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 4Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 5Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 6Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 7Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 8Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
SCD4430 Rev A 11/18/96
The Aeroflex “RISC TurboEngine”©
A MIPS© R4400 RISC Microprocessor Multichip
Module
Aeroflex Circuit Technology
35 South Service Road, Plainview NY 11803
Tel:(516) 694-6700, Fax:(516) 694-6715
1.0 Description
The Aeroflex Circuit Technology “RISC TurboEngine” is a full military temperature range 64 bit, super-
pipelined RISC microprocessor with 1M Byte of secondary cache memory packaged in a high speed
multichip module (MCM). The module contains the following components:
• (1) R4400SC/MC, a 3.3V powered RISC microprocessor.
• (11) SRAMs, 64K by 16.
• (3) Buffers and (3) Passive components for phase lock loop operation.
A Primary cache only version, the R4400PC is also available in the same package or 179 pin PGA
2.0 Flat Package Outline
85 Spaces at 0.025
1.768
MAX
53 Spaces
at 0.025
.010
Pin 226
Pin 141
Pin 227
Pin 140
Pin 87
Pin 86
Pin 280
Pin 1
.006
.175 MAX
.072 ±.01
2.525 MAX
R4400PC/SC
MCM
Note: Outside ceramic tie
bars not shown for clarity.
Contact factory for details
“F10” Package
(Preliminary Data Sheet, use with “MIPS R4000 Microprocessor Users Manual”© MIPS 1993)


Similar Part No. - R4400SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R4400 ETC1-R4400 Datasheet
1Mb / 754P
MIPS R4000 Microprocessor
More results

Similar Description - R4400SC

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
RM7000A PMC-RM7000A Datasheet
52Kb / 4P
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000B PMC-RM7000B Datasheet
36Kb / 2P
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000C PMC-RM7000C Datasheet
37Kb / 2P
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7065A PMC-RM7065A Datasheet
52Kb / 4P
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
logo
List of Unclassifed Man...
WED3C7410E16M-400BX ETC-WED3C7410E16M-400BX Datasheet
261Kb / 13P
RISC Microprocessor Multichip Package
logo
White Electronic Design...
WED3C7410E16M-XBHX WEDC-WED3C7410E16M-XBHX Datasheet
456Kb / 15P
7410E RISC Microprocessor HiTCETM Multichip Package
WED3C7410E16M-XBX WEDC-WED3C7410E16M-XBX Datasheet
485Kb / 13P
RISC Microprocessor Multichip Package
WED3C7558M-XBX WEDC-WED3C7558M-XBX Datasheet
530Kb / 13P
RISC Microprocessor Multichip Package
logo
PMC-Sierra, Inc
RM7000A-1 PMC-RM7000A-1 Datasheet
38Kb / 2P
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7065A-1 PMC-RM7065A-1 Datasheet
38Kb / 2P
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com