Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R4400SC Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # R4400SC
Description  A MIPS R4400 RISC Microprocessor Multichip Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

R4400SC Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  R4400SC Datasheet HTML 1Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 2Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 3Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 4Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 5Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 6Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 7Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 8Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
SCD4430 Rev A 11/18/96
5.0 INTERNAL BLOCK DIAGRAM(SC Version)
General Registers
ALU/Multiply/Divide
Pipeline/Control
INTEGER EXECUTION UNIT
CACHE/MMU
FLOATING POINT
16K Byte
Instruction
Cache
16K Byte
Data
Cache
48 Entry
TLB
Cache
Control
MMU
FPU ALU
Multiply/Divide
Square Root
FP Register
Pipeline Control
SCOE
SCDCS
SCData(127:0)
SCDchk(15:0)
SCAddr0
SCAddr
SCAddr
17
SCTag(24:0)
SCTchk(6:0)
SCTCS
SCWE
A0
A15
A14:A1
CE
DQ0-DQ31
GND
BWL
BWH
A15
A0
DQ143-DQ0
CE
OE
WE
(9) 64K
by 16
SRAMs
System
Interface
R4400SC/MC Microprocessor
CACHE
CACHE TAG
OE
WE
(14:1)
BWL
BWH
DATA/INSTRUCTION
(2) 64K
by 16
SRAMs
A14:A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com