Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZPS-400AP Datasheet(PDF) 1 Page - SL Power Electronics

Part # ZPS-400AP
Description  150, 200 WATTS 300, 400 WATTS (PFC AVAILABLE) WIDE RANGE ADJUSTABLE MULTIPLE OUTPUTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

ZPS-400AP Datasheet(HTML) 1 Page - SL Power Electronics

  ZPS-400AP Datasheet HTML 1Page - SL Power Electronics ZPS-400AP Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Condor D.C. Power Supplies, Inc., A subsidiary of SL Industries, Inc. 805-486-4565 • (800) 235-5929 Fax: (805) 487-8911 http://www.condorpower.com
MODEL
PWR
PFC
OUTPUT #1
OUTPUT #2
OUTPUT #3
OUTPUT #4
4.75V To 5.25V
11.5V To 25.2V
9.5V To 15.8V
4.75V To 12.6V
ZPS-150A
150
NO
@
@
@
@
2A To 20A
0.3A To 3A/4.5A pk
0.3A To 4A/5A pk
0.2A To 2A
4.75V To 5.25V
11.5V To 25.2V
9.5V To 15.8V
4.75V To 12.6V
ZPS-200A
200
NO
@
@
@
@
3A To 30A
0.4A To 4A/6A pk
0.4A To 5A/6A pk
0.2A To 2A
ZPS-300A
NO
4.75V To 5.25V
11.5V To 25.2V
4.75V To 15.8V
4.75V To 15.8V
300
@
@
@
@
ZPS-300AP
YES
4.5A To 45A
0.6A To 6A/9A pk
0.8A To 8A/12A pk 0.4A To 4A/6A pk
ZPS-400A
NO
4.75V To 5.25V
11.5V To 25.2V
4.75V To 15.8V
4.75V To 15.8V
400
@
@
@
@
ZPS-400AP
YES
5.5A To 55A
0.7A To 7A/10.5A pk 1A To 10 A/15A pk
0.6A To 6A/9A pk
150, 200 WATTS
300, 400 WATTS (PFC AVAILABLE)
WIDE RANGE ADJUSTABLE
MULTIPLE OUTPUTS
STANDARD ZPS SERIES
Flexibility is the key word for these
models. Since all four outputs are
independently isolated and regulated,
they can be connected as required
to meet the needs of the system.
Outputs can be connected in either
polarity or stacked to obtain greater
voltages.
An outstanding feature of these
models is the wide range adjustability
of the auxiliary outputs (up to 3.3:1).
The user can adjust the auxiliary out-
puts to meet almost any combination
of voltage requirements from 4.75 V
to 25.2 V. Most of the models provide
a wide input range
for operation anywhere in the world.
Two of the models feature power
factor corrected inputs to meet the
international standards for input
current harmonics. All models are
fully approved to international safety
and EMI standards (including the CE
low voltage directive), simplifying
approvals at the system level.
All models feature highly reliable
designs to ensure years of trouble
free operation.
ZPS-150
ZPS-200
ZPS-300
ZPS-400
Featuring:
• Models rated at 150 W, 200 W,
300 W and 400 W continuous power
(180 W, 240 W, 360 W and 480 W
peak power respectively)
• An auto-ranging input (ZPS-150 A,
200 A) or jumper selectable input
(ZPS-300 A, 400 A) or power factor
corrected, wide range input (ZPS-
300 AP, 400 AP) for 115 V or 230 V,
47-65Hz, single phase AC
• Typical power factor of 0.99 (ZPS-
300 AP, 400 AP)
• Four independently isolated and
regulated outputs
• Wide range of adjustability on
auxiliary outputs (up to 3.3:1)
• Up to 50% greater peak currents
on auxiliary outputs
• Low ripple and noise on all outputs
• Typical 70%-75% efficiency
• Meets international safety
requirements
• Meets international Class B EMI
requirements (except for ZPS-
300 AP which meets Class A)
• DC Power good signal
• Remote start (Enable) and remote
sense features
• Optional cover available
• Medically approved version
available


Similar Part No. - ZPS-400AP

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ZPS100-24 TDK-ZPS100-24 Datasheet
500Kb / 4P
3" x 5" 100W AC-DC Power Supplies
ZPS4015 TDK-ZPS4015 Datasheet
268Kb / 17P
Product HANDBOOK ZPS40, 40D/T & 60 Series
ZPSA10015 TDK-ZPSA10015 Datasheet
510Kb / 2P
3??x 5??100W AC-DC Power Supplies
ZPSA20-12 TDK-ZPSA20-12 Datasheet
315Kb / 2P
2 x 3.5??14-22W AC-DC Power Supplies
ZPSA20-15 TDK-ZPSA20-15 Datasheet
216Kb / 2P
AC-DC Power Supplies
June 28, 2022
More results

Similar Description - ZPS-400AP

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ25B50 ASTEC-ALQ25B50 Datasheet
106Kb / 2P
300 Watts
BM80A ASTEC-BM80A Datasheet
627Kb / 2P
300 Watts
logo
Powerbox
OBN01016 POWERBOX-OBN01016 Datasheet
1Mb / 2P
150-200 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
OBP02013 POWERBOX-OBP02013 Datasheet
802Kb / 3P
200-300 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
logo
SL Power Electronics
MAX-400 SLPOWER-MAX-400 Datasheet
97Kb / 2P
400, 500 WATTS MULTIPLE OUTPUT
PBO-200 SLPOWER-PBO-200 Datasheet
88Kb / 2P
200 WATTS POWER FACTOR CORRECTED WIDE RANGE ADJUSTABLE MULTIPLE OUTPUTS
PCI-300 SLPOWER-PCI-300 Datasheet
116Kb / 2P
300 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT
logo
New Jersey Semi-Conduct...
D64VS3 NJSEMI-D64VS3 Datasheet
804Kb / 2P
300-400 VOLTS 15 AMP, 195 WATTS
logo
Tumbler Technologies + ...
TPA150 TRUMPOWER-TPA150 Datasheet
94Kb / 2P
150 Watts Multiple Outputs Power Adapters
logo
Anaren Microwave
250375-4X50-2 ANAREN-250375-4X50-2 Datasheet
333Kb / 2P
150 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com