Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZPS-400AP Datasheet(PDF) 2 Page - SL Power Electronics

Part # ZPS-400AP
Description  150, 200 WATTS 300, 400 WATTS (PFC AVAILABLE) WIDE RANGE ADJUSTABLE MULTIPLE OUTPUTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

ZPS-400AP Datasheet(HTML) 2 Page - SL Power Electronics

  ZPS-400AP Datasheet HTML 1Page - SL Power Electronics ZPS-400AP Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Condor D.C. Power Supplies, Inc., A subsidiary of SL Industries, Inc. 805-486-4565 • (800) 235-5929 Fax: (805) 487-8911 http://www.condorpower.com
ZPS-150A & ZPS-200A
J1-1
Enable
J1-2
Output #1 Rtn
ZPS-300A/AP & ZPS-400A/AP
J3-1
Enable
J3-2
Output #1 Rtn
ZPS-150A & ZPS-200A
J1-4
DC Power Good
J1-3
Output #1 Rtn
ZPS-300A/AP & ZPS-400A/AP
J3-4
DC Power Good
J3-3
Output #1 Rtn
ZPS-150A & ZPS200A
J2-2
Output #1 Sense+
J2-1
Output #1 Sense-
ZPS-300A/AP & ZPS-400A/AP
TB2-1
Output #1 Sense+
TB2-2
Output #1 Sense-
AC INPUT (90-264 VAC Continuous Range Except ZPS-300A,
400A which require input jumpers to be set for 115V or 230V)
FUNCTION
ZPS-150A & ZPS-200A
ZPS-300A, 300AP
CONNECTOR
ZPS-400A, 400AP
115V
230V
115V
230V
SPECIFICATIONS: ALL MODELS
INPUT
AC Input: Auto-ranging (ZPS-150A & 200A) or Jumper selectable (ZPS-300 A & 400 A) or
power factor corrected wide range (ZPS-300AP & 400AP)- input for 115 V or 230 Vac,
47-65Hz internally fused with appropriate fuses (6A-10A)
Power Factor: Typical 0.99 for ZPS-300AP & 400AP. Meets EN 61000-3-2.
Inrush: Cold start AC current is less than 70 A peak for one half cycle of applied power at
230 Vac, limited by a thermistor.
Brownout Protection: Holds regulation to 85 Vac.
Hold-up Time: 20 ms @ after removal of power at nominal line and full load.
Efficiency: 70%-75% typical
OUTPUT
Adjustability: Output #1 is adjustable ±5%. Wide range on auxiliary outputs up to 3.3:1
(see table).
Line Load Cross Regulation: ± 0.6% on all outputs, over AC input range and loads within
the ranges specified in the table.
Ripple & Noise: Less than 1% p-p on all outputs.
Remote Sense Compensates for 250 mV total line drop. Open sense lead protection.
Temperature Coefficient: 0.03% per degree C.
Stability: 0.1% over 8 hours after 30 minutes warm up.
Transient Response: Output voltage returns to within 1% in less than 500 µSec for a 25%
load change. Peak transient does not exceed 3%.
Overload Protection: All outputs protected against short circuit. Input cycling off/on is
required to reset latched-off protection mode.
Overvoltage Protection (Output #1): Protects against power supply induced overvoltage.
Trip point is factory set so that the output does not exceed 6.4 V.
Peak output Current: Peak current should be limited to a maximum of 15 seconds.
Enable: TTL level ”0” or contact closure to the ve-sense line inhibits DC outputs.
DC Power Good: Provides a TTL level “1” when output #1 is above 4.6 V nominal.
ENVIRONMENTAL
Thermal Protection: Automatic shutdown if power supply temperature exceeds 90° C.
Temperature Range: 0° C to 40° C at full ratings. Output power linearly derated by 1.7%
per deg. C over 50° C to 70° C.
Safety Agencies: UL 1950, CSA C 22.2 234 level 5, VDE 0805 /EN 60950, CE marking to low
voltage directive.
Conducted EMI: All models except ZPS-300AP, meet FCC Part 15 Subpart J, Class B, VDE
0871/B, EN 55022/B. ZPS-300AP meets Class A.
Output Isolation: Isolated from ground at 50 Vdc.
Cooling: 5 CFM ZPS-150, 15 CFM ZPS-200, 25 CFM ZPS-300 & 300AP, 30 CFM ZPS-400,
35 CFM ZPS-400AP. Forced air required to achieve full ratings.
OPTIONS:
Option “C”: Available with an enclosed cover
Option “M”: Intended for MEDICAL APPLICATIONS Approved to UL 544, IEC 601/VDE 0750
safety and MDS-201-0004 EMI. Leakage Current is less than 500 µA.
Option “AP”: For 300 watt and 400 watt power supplies, Power Factor corrected.
Consult factory for other available options.
FUNCTION
MODEL
LOCATION
NOTES
CONNECTOR
Output #1
ZPS-150A & ZPS-200A
TB2-1
4.75V-5.25V
TB-22
Rtn (Isolated)
ZPS-300A/AP & 400A/AP
TB4-1
4.75V-5.25V
TB4-2
Rtn (Isolated)
Output #2
ZPS-150A & ZPS-200A
TB3-1
11.5V-25.2V
TB3-2
Rtn (Isolated)
ZPS-300A/AP & 400A/AP
TB2-3
11.5V-25.2V
TB2-4
Rtn (Isolated)
Output #3
ZPS-150A & ZPS-200A
TB3-3
9.5V-15.8V
TB3-4
Rtn (Isolated)
ZPS-300A/AP & 400A/AP
TB2-5
4.75V-15.8V
TB2-6
Rtn (Isolated)
Output #4
ZPS-150A & ZPS-200A
TB3-5
4.75V-12.6V
TB3-6
Rtn (Isolated))
ZPS-300A /AP & 400A/AP
TB2-7
4.75V-15.8V
TB2-8
Rtn (Isolated)
DC OUTPUT
Barrier strip
#6-32 screws
0.375”
centers
FUNCTION
MODEL
LOCATION
NOTES
CONNECTOR
STATUS AND CONTROL
Enable
DC Power
Good
Remote
Sense
Dimensions:
Inches
Millimeters
TB1-(1)
TB1-(2)
TB1-(3)
Bus bars
#8-32 screws
Barrier Strip
#6-32 Screws
.375” centers
Neutral
Line 2
Line
Line 1
Line
Line 1
Neutral
Line 2
Safety Ground
Safety Ground
Molex Part #
22-23-2041
Mates with
Molex Part #
22-01-3047
Molex Part #
22-23-2021Mates
with 22-01-3027
Barrier Strip #
6-32 Screws
.375” Centers
ZPS-150A, 200A
4.0 lbs - 1.8 kgs
ZPS-250A, 250AP, 300A, 300AP
5.0 lbs - 2.3 kgs
ZPS-400A, 400AP
7.0 lbs - 3.2 kgs
150, 200 WATTS
300, 400 WATTS (PFC AVAILABLE)
11”x 5”x 2.5”
13”x 6”x 2.5”
ZPS-150A, 200A, 250A, 300A
ZPS-400A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com