Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CW22P21 Datasheet(PDF) 1 Page - Agere Systems

Part # CW22P21
Description  CW20P-Type CW Tunable, Wavelength-Stabilized Laser Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CW22P21 Datasheet(HTML) 1 Page - Agere Systems

  CW22P21 Datasheet HTML 1Page - Agere Systems CW22P21 Datasheet HTML 2Page - Agere Systems CW22P21 Datasheet HTML 3Page - Agere Systems CW22P21 Datasheet HTML 4Page - Agere Systems CW22P21 Datasheet HTML 5Page - Agere Systems CW22P21 Datasheet HTML 6Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CW20P-Type
CW Tunable, Wavelength-Stabilized Laser Module
Advance Data Sheet, Rev. 1
June 2001
Offering multiple channel selections and SONET/SDH compat-
ibility, the CW20P-Type CW DBR Laser Module is manufac-
tured in a 24-pin metallic DIP with a polarization-maintaining
fiber (PMF) pigtail.
Features
s
Tunable up to twenty ITU-T 50 GHz channels
s
For use with lithium niobate modulators
s
Integrated Etalon stabilizer
—Replaces external wavelength lockers
s
1528.77 nm to 1610.0 nm wavelengths
s
Compact design
s
Remote programmability
s
Asynchronous serial interface for module communi-
cation
s
High output power, up to 20 mW
s
Low profile, 24-pin package
s
Laser bias monitor alarm
s
Module enable/disable input
Applications
s
SONET/SDH extended-reach
s
Long-haul, very dense, wave-division multiplexing
(DWDM)
s
High-speed data communication
s
Flexible wavelength systems
Description
The CW20P-type laser modules are designed for use
in transmission systems and high-speed data com-
munication applications. The device supports
20 wavelengths. The module uses an RS-232 inter-
face to adjust various module functions such as
wavelength. In addition, the interface provides acces-
sibility to the alarm and monitor outputs.
The modules meet all present
Telcordia Technolo-
gies* GR-253-CORE requirements and the ITU-T
G.957 and G.958 recommendations. The modules
are also suited for extended distance data and net-
working applications when used in conjunction with a
lithium niobate modulator.
The CW20P uses a 1.5
µm distributed Bragg reflec-
tor (DBR) laser with an integrated wavelength stabi-
lizer. By integrating the wavelength stabilizer with the
DBR laser chip, the device offers a compact, cost-
effective solution for low-dispersion transmission.
Devices are provided at wavelengths that are com-
patible with the ITU-T wavelength standards at
200 GHz, 100 GHz, and 50 GHz. The package also
contains a thermoelectric cooler, thermistor, back-
facet monitor, and optical isolator. The laser module
requires 5 V, –5.2 V, and 3.3 V.
*
Telcordia Technologies is a trademark of Telcordia Technologies,
Inc.


Similar Part No. - CW22P21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CW2200 ETC-CW2200 Datasheet
46Kb / 2P
CircuitWorks Conductive Pen
REV. H (01/17)
CW2200STP ETC-CW2200STP Datasheet
46Kb / 2P
CircuitWorks Conductive Pen
REV. H (01/17)
More results

Similar Description - CW22P21

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NUB611T NICHIA-NUB611T Datasheet
440Kb / 3P
Tunable Laser Module CORE
NUV603E NICHIA-NUV603E Datasheet
360Kb / 3P
Tunable Laser Module
NUV611T NICHIA-NUV611T Datasheet
421Kb / 3P
Tunable Laser Module CORE
NUV612T NICHIA-NUV612T Datasheet
420Kb / 3P
Tunable Laser Module CORE
NUV613T NICHIA-NUV613T Datasheet
424Kb / 3P
Tunable Laser Module CORE
NUV614T NICHIA-NUV614T Datasheet
420Kb / 3P
Tunable Laser Module CORE
NUB611T-E NICHIA-NUB611T-E Datasheet
244Kb / 3P
Tunable Laser Module CORE
NUV603E-E NICHIA-NUV603E-E Datasheet
232Kb / 3P
Tunable Laser Module
NUV613T-E NICHIA-NUV613T-E Datasheet
231Kb / 3P
Tunable Laser Module CORE
logo
Finisar Corporation.
S7500 FINISAR-S7500 Datasheet
395Kb / 8P
CW Tunable Laser ??Butterfly Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com