Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CW22P21 Datasheet(PDF) 6 Page - Agere Systems

Part # CW22P21
Description  CW20P-Type CW Tunable, Wavelength-Stabilized Laser Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CW22P21 Datasheet(HTML) 6 Page - Agere Systems

  CW22P21 Datasheet HTML 1Page - Agere Systems CW22P21 Datasheet HTML 2Page - Agere Systems CW22P21 Datasheet HTML 3Page - Agere Systems CW22P21 Datasheet HTML 4Page - Agere Systems CW22P21 Datasheet HTML 5Page - Agere Systems CW22P21 Datasheet HTML 6Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CW20P-Type
Advance Data Sheet, Rev. 1
CW Tunable, Wavelength-Stabilized Laser Module
June 2001
For additional information, contact your Agere Systems Account Manager or the following:
INTERNET:
http://www.agere.com
E-MAIL:
docmaster@micro.lucent.com
N. AMERICA:
Agere Systems Inc., 555 Union Boulevard, Room 30L-15P-BA, Allentown, PA 18109-3286
1-800-372-2447, FAX 610-712-4106 (In CANADA: 1-800-553-2448, FAX 610-712-4106)
ASIA PACIFIC: Agere Systems Singapore Pte. Ltd., 77 Science Park Drive, #03-18 Cintech III, Singapore 118256
Tel. (65) 778 8833, FAX (65) 777 7495
CHINA:
Agere Systems (Shanghai) Co., Ltd., 33/F Jin Mao Tower, 88 Century Boulevard Pudong, Shanghai 200121 PRC
Tel. (86) 21 50471212, FAX (86) 21 50472266
JAPAN:
Agere Systems Japan Ltd., 7-18, Higashi-Gotanda 2-chome, Shinagawa-ku, Tokyo 141, Japan
Tel. (81) 3 5421 1600, FAX (81) 3 5421 1700
EUROPE:
Data Requests: DATALINE: Tel. (44) 7000 582 368, FAX (44) 1189 328 148
Technical Inquiries: OPTOELECTRONICS MARKETING: (44) 1344 865 900 (Ascot UK))
Agere Systems Inc. reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application.
ST is a
registered trademark of Agere Systems Inc.
Copyright © 2001 Lucent Technologies Inc.
All Rights Reserved
June 2001
DS00-370OPTO-1 (Replaces DS00-370OPTO)
Ordering Information
Related Product Information
Table 6. Ordering Information
Product Code
ITU Frequency Range
(THz)
Wavelength Range
(nm)
Comcode
CW22P61
195.15—196.1
1528.77—1536.22
109071530
CW22P51
194.15—195.1
1536.61—1544.13
109071548
CW22P41
193.15—194.1
1544.53—1552.12
109071555
CW22P31
192.15—193.1
1552.52—1560.2
109071563
CW22P21
191.15—192.1
1560.61—1568.36
109071571
CW22P911
190.15—191.1
1568.77—1576.61
109071589
CW22P901
189.15—190.1
1577.03—1584.95
109071597
CW22P891
188.15—189.1
1585.36—1593.37
109071605
CW22P881
187.15—188.1
1593.79—1601.88
109071613
CW22P871
186.15—187.1
1602.31—1610.49
109071621
Product Code
Description
Document
Number
2623N
10 Gbits/s Single-Drive Lithium Niobate Modulator
DS00-331LWP
2623CSA
10 Gbits/s Single-Drive Lithium Niobate Modulator
with Integrated Attenuator
DS00-331 LWP



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com