Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR3C80 Datasheet(PDF) 40 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 40 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 36Page - Agere Systems OR3C80 Datasheet HTML 37Page - Agere Systems OR3C80 Datasheet HTML 38Page - Agere Systems OR3C80 Datasheet HTML 39Page - Agere Systems OR3C80 Datasheet HTML 40Page - Agere Systems OR3C80 Datasheet HTML 41Page - Agere Systems OR3C80 Datasheet HTML 42Page - Agere Systems OR3C80 Datasheet HTML 43Page - Agere Systems OR3C80 Datasheet HTML 44Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 210 page
background image
40
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Programmable Input/Output Cells (continued)
Input Demultiplexing
The combination of input register capability and the two inputs, IN1 and IN2, from each PIO to the internal routing
provides for input signal demultiplexing without any additional resources. Figure 24 shows the input configuration
and general timing for demultiplexing a multiplexed address and data signal. The PIO input signal is sent to both
the input latch and directly to IN2. The signal is latched on the falling edge of the clock and output to routing at IN1.
The address and data are then both available at the rising edge of the system clock. These signals may be regis-
tered or otherwise processed in the PLCs at that clock edge. Figure 24 also shows the possible use of the SLIC
decoder to perform an address decode to enable which registers are to receive the input data. Although the timing
shown is for using the input register as a latch, it may also be used in the same way as an FF. Also note that the sig-
nals found in PIO inputs IN1 and IN2 can be interchanged.
5-5798(F)
Figure 24. PIO Input Demultiplexing
DEC
DQ
PAD
PIO
DQ
CE
SLIC
OTHER ADDRESS
LINES
SCLK
IN1
IN2
SCLK
PIO LATCH
PLC FF
ADDR1
ADDR2
ADDR3
ADDR4
ADDR5
DATA1
DATA2
DATA3
DATA4
DATA1
DATA2
DATA3
ADDR2
ADDR3
ADDR4
ADDR5
DATA0
DATA4
OUTPUT
OUTPUT
PIO INPUT
PLC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com