Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR3C80 Datasheet(PDF) 69 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 69 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 65Page - Agere Systems OR3C80 Datasheet HTML 66Page - Agere Systems OR3C80 Datasheet HTML 67Page - Agere Systems OR3C80 Datasheet HTML 68Page - Agere Systems OR3C80 Datasheet HTML 69Page - Agere Systems OR3C80 Datasheet HTML 70Page - Agere Systems OR3C80 Datasheet HTML 71Page - Agere Systems OR3C80 Datasheet HTML 72Page - Agere Systems OR3C80 Datasheet HTML 73Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 210 page
background image
Lucent Technologies Inc.
69
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Microprocessor Interface (MPI) (continued)
Scratchpad Register
The MPI scratchpad register is an 8-bit read/write register with no defined operation. It may be used for any user-
defined function.
Control Register 2
The MPI control register 2 is a read/write register. The host processor writes a control byte to configure the MPI. It
is readable by the host processor to verify the status of control bits it had previously written.
Table 21. MPI Control Register 2
Bit #
Bit Name
Description
Bit 0
EN_IRQ_CFG
Enable IRQ for Configuration Data Request in Daisy-Chain Configuration
Mode. Setting this bit to a 1 prior to configuration enables the IRQ signal to go active
when new data is requested for configuration writes or is available for configuration
reads to/from the configuration data register. A 0 clears the IRQ enable. This bit is
only valid for daisy-chain configuration. Default = 0.
Bit 1
EN_IRQ_ERR
Enable IRQ for Bit Stream Error. Setting this bit to a 1 prior to configuration
enables the IRQ signal to go active on the occurrence of a bit stream error during
configuration. A 0 clears the IRQ enable. This bit only has effect while in configura-
tion mode. Default = 0.
Bit 2
EN_IRQ_USR
Enable IRQ from the User FPGA Space. Setting this bit to a 1 allows user-defined
circuitry in the FPGA to generate an interrupt to the host processor by sourcing a
logic low on the UIRQ signal in the user logic. Default = 0.
Bit 3
MP_DAISY
MPI
Daisy-Chain Output Enable. Setting this bit to a 1 enables daisy-chain output
of the configuration data. See the Configuration section of this data sheet for daisy-
chain configuration details. Default = 0.
Bit 4
MP_HOLD_BUS Enable Bus Holding During Daisy-Chain Configuration Mode. Setting this bit to
a 1 will cause the MPI to wait until the FPGA configuration logic has serialized a
byte of configuration data before acknowledging the transaction. The data is only
serialized if the MP_DAISY (bit 3 above) control bit is set to 1. If MP_HOLD_BUS is
set to 0, the MPI will immediately acknowledge a configuration data byte transfer.
Immediate acknowledgment allows the host processor to perform other tasks during
FPGA configuration by polling the MPI status register (or by interrupt) and only write
configuration data when the FPGA is ready. Default = 0.
Bit 5
MP_USER
MPI
User Mode Enable. Setting this bit to a 1 will enable the MPI for user mode
operation. MP_USER must be set prior to the FPGA DONE signal going high during
configuration. The MPI may also be enabled for user operation via the configuration
bit stream. Default = 0.
Bit 6
Reserved
—
Bit 7
Reserved
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com