Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR28051 Datasheet(PDF) 30 Page - Agere Systems

Part # TMPR28051
Description  TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMPR28051 Datasheet(HTML) 30 Page - Agere Systems

Back Button TMPR28051 Datasheet HTML 26Page - Agere Systems TMPR28051 Datasheet HTML 27Page - Agere Systems TMPR28051 Datasheet HTML 28Page - Agere Systems TMPR28051 Datasheet HTML 29Page - Agere Systems TMPR28051 Datasheet HTML 30Page - Agere Systems TMPR28051 Datasheet HTML 31Page - Agere Systems TMPR28051 Datasheet HTML 32Page - Agere Systems TMPR28051 Datasheet HTML 33Page - Agere Systems TMPR28051 Datasheet HTML 34Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 90 page
background image
Data Sheet
TMPR28051 STS-1/AU-3 (STM-0) Mapper
August 1999
16
Lucent Technologies Inc.
DS1/E1 to STS-1 Block Descriptions
(continued)
SPE Insertion Logic (continued)
The device can transmit the data as either a serial bit
stream (TXSERIAL = 1 in register 0x02, bit 6) or as a
parallel byte of data (TXSERIAL = 0 in register 0x02,
bit 6). There are two parallel modes of operation: bus
mode and nonbus mode. Bus mode allows multiple
TMPR28051 devices to operate on a 19.44 MHz bus;
in nonbus mode, the device transmits data in a
point-to-point fashion at 6.48 MHz. In either parallel
mode, the device sends a parity bit with the data.
This parity bit is configurable to be either odd
(TXPARITY = 1 in register 0x02, bit position 4) or even
(TXPARITY = 0 in register 0x02, bit position 4) parity.
The bus mode of operation requires the device to
select which STS-1 time slot of the three that are avail-
able to transmit data. The TBUSMODE bit (bit 2) in reg-
ister 0x12 determines whether the device operates in
bus mode (TBUSMODE = 1) or nonbus mode
(TBUSMODE = 0). By default, the device powers up in
bus mode. The TBUSPOS bits (bit 1 and bit 0) in regis-
ter 0x12 determine in which of the three time slots the
device transmits. By default, the device does not trans-
mit (TBUSPOS-[1:0] = 00 in register 0x12), but it can
be configured to transmit during any of the three STS-1
time slots on the 19.44 MHz bus.
In all three modes, the device frame sync input allows
the 8 kHz STS-1 frames as well as the 2 kHz VT super-
frames to be aligned.
STS-1 to DS1/E1 Block Descriptions
Loopback Select Logic
The device can be configured to loop back the transmit
STS-1 (STS1LB = 1 in bit 0 of register 0x01) or accept
the receive STS-1 signal (STS1LB = 0 in bit 0 of regis-
ter 0x01). When the receive STS-1 signal is selected,
the user can configure which edge of the clock to use
to retime the data (RXSTS1EDGE = 1 in bit 3 of regis-
ter 0x02 uses the rising edge; RXSTS1EDGE = 0 in
bit 3 of register 0x02 uses the falling edge).
SPE Locate
The device can receive data as either a serial bit
stream (RXSERIAL = 1 in bit 7 of register 0x02) or as a
parallel byte (RXSERIAL = 0 in bit 7 of register 0x02).
In the parallel mode, the device receives a parity bit
with the data. This bit is configurable to odd
(RXPARITY = 1 in bit 5 of register 0x02) or even
(RXPARITY = 0 in bit 5 of register 0x02) parity. Errors
in this bit are reported to the microprocessor
(RXPARER in bit 6 of register 0x03).
The bus mode of operation is similar to normal opera-
tion in the DS1/E1 to STS-1 direction. The device
defaults to the bus mode (RBUSMODE = 1 in bit 5 of
register 0x12) of operation and listens to none of the
receive channels (RBUSPOS-[1:0] = 00 in bit 4 and
bit 3 of register 0x12). The sync pulse is used only to
define time slot #1 of the three that are possible. Bus
mode operation requires at least one sync pulse to
define the time slot.
The STS-1 locate block performs the functions neces-
sary to locate the SPE. The device will frame on the
incoming STS-1 signal, and indicate when it is in the
out of frame (OOF) condition (STS1OOF = 1 in bit 0 of
register 0x03) or loss of frame (LOF) condition
(STS1LOF = 1 in bit 1 of register 0x03). Loss of frame
is defined as being in the OOF condition for 3 ms or
more. Both the OOF and LOF are current state condi-
tions; they hold their value for a minimum of 500
µs
after the event. The indications reset if the condition is
no longer true.
The device monitors the received data bytes for contin-
uous ones or zeros. If the number of continuous data
bytes exceeds the provisioned value (LOSDET-[7:0] in
register 0x91), then loss of signal (STS1LOS = 1 in
bit 0 of register 0x05) is declared. If the value in
LOSDET-[7:0] in register 0x91 is 0x00, then LOS is not
declared.
STS-1/AU-3 Terminate
The STS-1 terminate block can descramble the output
data (STS1DSCR = 1 in bit 1 of register 0x01) or output
the received data without descrambling
(STS1DSCR = 0 in bit 1 of register 0x01). It is useful to
turn off descrambling if the data is received locally from
a higher-rate signal where descrambling has already
taken place.
For performance monitoring purposes, there are a
number of BIP and REI error counters (registers
0xC0—0xFF) in the receive section of the device. All of
these internal counters are comprised of a running
error counter and a hold register that presents stable
results to the microprocessor. The counts in all of the
running counters are latched to the hold registers when
LATCH_CNT (bit 3) in register 0x00 is written from 0 to
1. This also resets all of the running counters. The
results are then held until read by the microprocessor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com