Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR28051 Datasheet(PDF) 33 Page - Agere Systems

Part # TMPR28051
Description  TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMPR28051 Datasheet(HTML) 33 Page - Agere Systems

Back Button TMPR28051 Datasheet HTML 29Page - Agere Systems TMPR28051 Datasheet HTML 30Page - Agere Systems TMPR28051 Datasheet HTML 31Page - Agere Systems TMPR28051 Datasheet HTML 32Page - Agere Systems TMPR28051 Datasheet HTML 33Page - Agere Systems TMPR28051 Datasheet HTML 34Page - Agere Systems TMPR28051 Datasheet HTML 35Page - Agere Systems TMPR28051 Datasheet HTML 36Page - Agere Systems TMPR28051 Datasheet HTML 37Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 90 page
background image
Data Sheet
August 1999
TMPR28051 STS-1/AU-3 (STM-0) Mapper
19
Lucent Technologies Inc.
Test Pattern Block Descriptions
The device contains a test pattern generator and a test
pattern detector for use in maintenance and trouble-
shooting.
Test Pattern Insert
The test pattern generator is capable of transmitting
four different test patterns (XMT_PAT-[1:0] in bit posi-
tions 0 and 1 of register 0x08). In addition to a 215 – 1,
a 220 – 1, and a 223 – 1 sequence, the device can also
transmit a QRSS sequence. The QRSS pattern is a
220 – 1 pseudorandom bit sequence defined by the
equation 1 + x17 + x20 = 0, with a 14 zero limit.
As can be seen in Figure 1 on page 5, this test pattern
can be inserted in the place of any of the transmitted or
received DS1/E1 signals. The test pattern can also be
provisioned to be framed (XMT_FRAME = 1 in bit 2 of
register 0x08) or unframed (XMT_FRAME = 0 in bit 2
of register 0x08). The framed sequence can be either
DS1 SF format (TP_DS1E1N = 1 in bit 7 of register
0x09) or E1 format (TP_DS1E1N = 0 in bit 7 of register
0x09). The test pattern can also be forced to transmit a
bit error (ERROR_INS bit in register 0x08, bit position
3, is forced to make low to high transition). The test
patterns are O.151 compliant, so they can be used to
drive external test equipment as well as to perform
internal maintenance and troubleshooting.
Test Pattern Drop
The test pattern detector can detect the same four test
sequences generated by the test pattern generator
(RCV_PAT-[1:0] in bit positions 4 and 5 of register
0x08). When the detector is out of synchronization, the
device continuously monitors the input data signal for
matches with the expected data signal. When the
device detects 32 matches in a row, it declares itself in
sync (TPOOS = 0 in bit 7 of register 0x0A), and the
error detector is enabled. If the device detects eight
consecutive bit mismatches, the test pattern detector
declares itself out of sync (TPOOS = 1), and starts
searching again.
The test pattern detector can be configured to look for
a framed (RCV_FRAME = 1 in bit 6 of register 0x08) or
unframed (RCV_FRAME = 0 in bit 6 of register 0x08)
signal.
While in sync, the device counts the number of times
the input data differs from the expected data in a 7-bit
counter, TPERR-[6:0] (bit 0 through bit 6 in register
0x0A), that holds its count when it reaches the maxi-
mum value of 128. This counter is reset when the
LATCH_TP bit (bit 7) in register 0x08 makes a 0 to 1
transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com