Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F107VCT6 Datasheet(PDF) 92 Page - STMicroelectronics

Part # STM32F107VCT6
Description  64 to 256 Kbytes of Flash memory
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F107VCT6 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STM32F107VCT6 Datasheet HTML 88Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 89Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 90Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 91Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 92Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 93Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 94Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 95Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 103 page
background image
Application block diagrams
STM32F105xx, STM32F107xx
92/104
Doc ID 15274 Rev 6
Figure 48.
OTG connection (any protocol)
1.
STMPS2141STR needed only if the application has to support bus-powered devices.
A.2
Ethernet interface solutions
Figure 49.
MII mode using a 25 MHz crystal
1.
HCLK must be greater than 25 MHz.
2.
Pulse per second when using IEEE1588 PTP, optional signal.
USB
OTG
Full-speed
core
STM32F105xx/STM32F107xx
USB
full-speed/
low-speed
transceiver
DP
DM
VBUS
VSS
HNP
HNP
SRP
SRP
ID
ID
OTG PHY
ai15655b
GPIO
GPIO + IRQ
EN
Current-limited
power distribution
switch
STMPS2141STR
(1)
ID
OVRCR
flag
VDD
5 V
MCU
Ethernet
MAC 10/100
Ethernet
PHY 10/100
PLL
HCLK
XT1
PHY_CLK 25 MHz
MII_RX_CLK
MII_RXD[3:0]
MII_RX_DV
MII_RX_ER
MII_TX_CLK
MII_TX_EN
MII_TXD[3:0]
MII_CRS
MII_COL
MDIO
MDC
HCLK(1)
PPS_OUT(2)
XTAL
25 MHz
STM32F107xx
OSC
TIM2
Timestamp
comparator
Timer
input
trigger
IEEE1588 PTP
MII
= 15 pins
MII + MDC
= 17 pins
ai15656



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com