Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F107VCT6 Datasheet(PDF) 98 Page - STMicroelectronics

Part # STM32F107VCT6
Description  64 to 256 Kbytes of Flash memory
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F107VCT6 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STM32F107VCT6 Datasheet HTML 94Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 95Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 96Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 97Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 98Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 99Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 100Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 101Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 103 page
background image
Application block diagrams
STM32F105xx, STM32F107xx
98/104
Doc ID 15274 Rev 6
Table 64.
Applicative current consumption in Run mode, code with data
processing running from Flash
Symbol
parameter
Conditions(1)
1.
VDD = 3.3 V.
Typ(2)
2.
Based on characterization, not tested in production.
Max(2)
Unit
85 °C
105 °C
IDD
Supply current
in run mode
External clock, all peripherals enabled
except ethernet,
HSE = 8 MHz, fHCLK = 72 MHz, no
MCO
57
63
64
mA
External clock, all peripherals enabled
except ethernet,
HSE = 14.74 MHz, fHCLK = 72 MHz, no
MCO
60.5
67
68
External clock, all peripherals enabled
except OTG,
HSE = 25 MHz, fHCLK = 72 MHz, MCO
= 25 MHz
53
60.7
61
External clock, all peripherals enabled,
HSE = 25 MHz, fHCLK = 72 MHz, MCO
= 25 MHz
60.5
65.5
66
External clock, all peripherals enabled,
HSE = 25 MHz, fHCLK = 72 MHz, MCO
= 50 MHz
64
69.7
70
External clock, all peripherals enabled,
HSE = 50 MHz(3), fHCLK = 72 MHz, no
MCO
3.
External oscillator.
62.5
67.5
68
External clock, only OTG enabled,
HSE = 8 MHz, fHCLK = 48 MHz, no
MCO
26.7
None
None
External clock, only ethernet enabled,
HSE = 25 MHz, fHCLK = 25 MHz, MCO
= 25 MHz
14.3
None
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com