Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH200W06TV1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH200W06TV1
Description  Turbo 2 ultrafast high voltage rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH200W06TV1 Datasheet(HTML) 3 Page - STMicroelectronics

  STTH200W06TV1 Datasheet HTML 1Page - STMicroelectronics STTH200W06TV1 Datasheet HTML 2Page - STMicroelectronics STTH200W06TV1 Datasheet HTML 3Page - STMicroelectronics STTH200W06TV1 Datasheet HTML 4Page - STMicroelectronics STTH200W06TV1 Datasheet HTML 5Page - STMicroelectronics STTH200W06TV1 Datasheet HTML 6Page - STMicroelectronics STTH200W06TV1 Datasheet HTML 7Page - STMicroelectronics STTH200W06TV1 Datasheet HTML 8Page - STMicroelectronics STTH200W06TV1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STTH200W06TV1
Characteristics
Doc ID 023612 Rev 1
3/9
Table 5.
Dynamic characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IRM
Reverse recovery current
Tj = 125 °C
IF = 100 A, VR = 400 V
dIF/dt = -200 A/µs
-30
40
A
QRR
Reverse recovery charge
4600
nC
Sfactor
Softness factor
0.4
trr
Reverse recovery time
Tj = 25 °C
IF = 1 A, VR = 30 V
dIF/dt = -100 A/µs
-55
75
ns
tfr
Forward recovery time
Tj = 25 °C
IF = 100 A, VFR = 2.5 V
dIF/dt = 100 A/µs
-
2000
ns
VFP
Forward recovery voltage
Tj = 25 °C
-3.3
5
V
Figure 1.
Average forward power dissipation
versus average forward current
(per diode)
Figure 2.
Forward voltage drop versus
forward current (per diode)
0
20
40
60
80
100
120
140
160
180
0
20
40
60
80
100
120
140
δ=0.05
δ=0.1
δ=0.2
δ=0.5
δ=1
T
δ=tp/T
tp
PF(AV)(W)
IF(AV)(A)
IFM(A)
0.1
1.0
10.0
100.0
1000.0
0.0
0.4
0.8
1.2
1.6
2.0
Tj=150°C
(Maximum values)
Tj=150 °C
(Typical values)
Tj=25 °C
(Maximum values)
VFM(V)
Figure 3.
Relative variation of thermal
impedance, junction to case,
versus pulse duration
Figure 4.
Peak reverse recovery current
versus dIF/dt (typical values, per
diode)
Z
th(j-c)/Rth(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
tp(s)
I
RM(A)
0
10
20
30
40
50
60
70
0
50
100
150
200
250
300
350
400
450
500
IF= IF(AV)
VR= 400 V
Tj = 125°C
dIF/dt(A/µs)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com