Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6482H Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6482H
Description  cSPIN?? microstepping motor controller with motion engine and SPI
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6482H Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6482H Datasheet HTML 19Page - STMicroelectronics L6482H Datasheet HTML 20Page - STMicroelectronics L6482H Datasheet HTML 21Page - STMicroelectronics L6482H Datasheet HTML 22Page - STMicroelectronics L6482H Datasheet HTML 23Page - STMicroelectronics L6482H Datasheet HTML 24Page - STMicroelectronics L6482H Datasheet HTML 25Page - STMicroelectronics L6482H Datasheet HTML 26Page - STMicroelectronics L6482H Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 73 page
background image
L6482
Functional description
Doc ID 023768 Rev 2
23/73
Figure 8.
Speed profile in infinite acceleration/deceleration mode
6.7
Motor control commands
The L6482 can accept different types of commands:
●
constant speed commands (Run, GoUntil, ReleaseSW)
●
absolute positioning commands (GoTo, GoTo_DIR, GoHome, GoMark)
●
motion commands (Move)
●
stop commands (SoftStop, HardStop, SoftHiz, HardHiz).
For detailed command descriptions refer to Section 9.2.
6.7.1
Constant speed commands
A constant speed command produces a motion in order to reach and maintain a user-
defined target speed starting from the programmed minimum speed (set in the MIN_SPEED
register) and with the programmed acceleration/deceleration value (set in the ACC and DEC
registers). A new constant speed command can be requested anytime.
Figure 9.
Constant speed command examples
6.7.2
Positioning commands
An absolute positioning command produces a motion in order to reach a user-defined
position that is sent to the device together with the command. The position can be reached
SPEED
Indexing mode
Constant speed mode
time
Programmed number of microsteps
time
AM15038v1
Programmed
maximum
speed
AM15039v1
SPD1
SPD2
SPD3
SPD4
Run(SPD2,FW)
time
Speed
(step frequency)
Run(SPD3,FW)
Run(SPD1,FW)
Run(SPD4,BW)
Minimum
speed
Minimum
speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com