Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6482H Datasheet(PDF) 38 Page - STMicroelectronics

Part # L6482H
Description  cSPIN?? microstepping motor controller with motion engine and SPI
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6482H Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L6482H Datasheet HTML 34Page - STMicroelectronics L6482H Datasheet HTML 35Page - STMicroelectronics L6482H Datasheet HTML 36Page - STMicroelectronics L6482H Datasheet HTML 37Page - STMicroelectronics L6482H Datasheet HTML 38Page - STMicroelectronics L6482H Datasheet HTML 39Page - STMicroelectronics L6482H Datasheet HTML 40Page - STMicroelectronics L6482H Datasheet HTML 41Page - STMicroelectronics L6482H Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 73 page
background image
Phase current control
L6482
38/73
Doc ID 023768 Rev 2
7.3
Auto-adjusted fast decay during the falling steps
When the target current is decreased by a microstep change (falling step), the device
performs a fast decay in order to reach the new value as fast as possible. However,
exceeding the fast duration could cause a strong ripple on the step change. The L6482
automatically adjusts these fast decays reducing the current ripple.
At reset the fast decay value (tFALL) is set to FALL_STEP/4 (T_FAST register). The tFALL
value is doubled every time, within the same falling step, an extra fast decay is necessary to
obtain an on-time greater than TON_MIN (see Section 9.1.12). The maximum tFALL value is
equal to FALL_STEP.
At the next falling step, the system uses the last tFALL value of the previous falling step.
Stopping the motor or reaching the current sinewave zero crossing causes the current
control system to return to the reset state.
Figure 20.
Adaptive decay - switch from normal to slow+fast decay mode and vice
versa
Time
Time
reference current
1st fast decay
Target current is increased (raising step)
2 nd fast decay
system returns to slow decay mode and tFAST vaule is halved
switch to fast + slow decay mode
t
FAST
t
OFF,FAST
t
OFF,SLOW
t
OFF
t
OFF
reference current
AM15051v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com