| Electronic Components Datasheet Search |
|
L6482HTR Datasheet(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6482HTR Datasheet(HTML) 61 Page - STMicroelectronics |
|
61 / 73 page ![]() L6482 Programming manual Doc ID 023768 Rev 2 61/73 9.2.1 Command management The host microcontroller can control motor motion and configure the L6482 through a complete set of commands. All commands are composed by a single byte. After the command byte, some bytes of arguments should be needed (see Figure 25). Argument length can vary from 1 to 3 bytes. Figure 25. Command with 3-byte argument By default, the device returns an all zero response for any received byte, the only exceptions are GetParam and GetStatus commands. When one of these commands is received, the following response bytes represent the related register value (see Figure 26). Response length can vary from 1 to 3 bytes. Figure 26. Command with 3-byte response During response transmission, new commands can be sent. If a command requiring a response is sent before the previous response is completed, the response transmission is aborted and the new response is loaded into the output communication buffer (see Figure 27). Figure 27. Command response aborted When a byte that does not correspond to a command is sent to the IC it is ignored and the WRONG_CMD flag in the STATUS register is raised (see Section 9.1.21). SDI SDO Command byte Argument byte 2 (MSB) Argument byte 0 (LSB) Argument byte 1 0x00 0x00 0x00 0x00 (from host) (to host) AM15055v1 SDI SDO Command byte Response byte 2 (MSB) Response byte 0 (LSB) Response byte 1 0x00 NOP NOP NOP (from host) (to host) AM15056v1 SDI SDO Command 1 (3 byte resp expected) Command 3 (2 byte resp expected) Response byte 2 (MSB) Response byte 1 (MSB) Response byte 1 0x00 Command 2 (no resp. expected) Response byte 0 (LSB) (from host) (to host) Command 4 (no resp. expected) Command 5 (no resp. expected) Command 1 response is aborted AM15057v1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |