Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6482HTR Datasheet(PDF) 39 Page - STMicroelectronics

Part # L6482HTR
Description  cSPIN?? microstepping motor controller with motion engine and SPI
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6482HTR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L6482HTR Datasheet HTML 35Page - STMicroelectronics L6482HTR Datasheet HTML 36Page - STMicroelectronics L6482HTR Datasheet HTML 37Page - STMicroelectronics L6482HTR Datasheet HTML 38Page - STMicroelectronics L6482HTR Datasheet HTML 39Page - STMicroelectronics L6482HTR Datasheet HTML 40Page - STMicroelectronics L6482HTR Datasheet HTML 41Page - STMicroelectronics L6482HTR Datasheet HTML 42Page - STMicroelectronics L6482HTR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
L6482
Phase current control
Doc ID 023768 Rev 2
39/73
Figure 21.
Fast decay tuning during the falling steps
7.4
Torque regulation (output current amplitude regulation)
The phase currents are monitored through two shunt resistors (one for each power bridge)
connected to the respective sense pin (see Figure 22). The integrated comparator
compares the sense resistor voltage with the internal reference generated using the peak
value, which is proportional to the output current amplitude, and the microstepping code.
The comparison result is provided to the logic in order to implement the current control
algorithm as described in previous sections.
The peak reference voltage can be regulated in two ways: writing TVAL_ACC, TVAL_DEC,
TVAL_RUN and TVAL_HOLD registers or varying the ADCIN voltage value.
The EN_TQREG bit (CONFIG register) sets the torque regulation method. If this bit is high,
ADC_OUT prevalue is used to regulate output current amplitude (see Table 20,
Section 9.1.14). Otherwise the internal analog-to-digital converter is at the user’s disposal
and the output current amplitude is managed by TVAL_HOLD, TVAL_RUN, TVAL_ACC and
TVAL_DEC registers (see Table 14, Section 9.1.10).
The voltage applied to the ADCIN pin is sampled at fS frequency and converted in an NADC
bit digital signal. The analog-to-digital conversion result is available in the ADC_OUT
register.
Falling step
1st fast decay:
t
FALL
= FALL_STEP/4
Falling step
1st fast decay:
t
FALL= FALL_STEP/2
2 nd fast decay:
t
FALL
= FALL_STEP/2
Time
reference current
AM15052v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com