Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7610BBCZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADV7610BBCZ
Description  Low Power, 165 MHz HDMI Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7610BBCZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADV7610BBCZ Datasheet HTML 8Page - Analog Devices ADV7610BBCZ Datasheet HTML 9Page - Analog Devices ADV7610BBCZ Datasheet HTML 10Page - Analog Devices ADV7610BBCZ Datasheet HTML 11Page - Analog Devices ADV7610BBCZ Datasheet HTML 12Page - Analog Devices ADV7610BBCZ Datasheet HTML 13Page - Analog Devices ADV7610BBCZ Datasheet HTML 14Page - Analog Devices ADV7610BBCZ Datasheet HTML 15Page - Analog Devices ADV7610BBCZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADV7610
Data Sheet
Rev. 0 | Page 12 of 16
PIXEL INPUT/OUTPUT FORMATTING
The output section of the ADV7610 is highly flexible. The pixel
output bus can support up to 24-bit 4:4:4 YCrCb. The pixel data
supports both single data rate mode and double data rate mode. In
SDR mode, a 16-/24-bit 4:2:2 or 24-bit 4:4:4 output is possible.
In DDR mode, the pixel output port can be configured in an 8-/12-
bit 4:2:2 YCrCb or 24-bit 4:4:4 RGB.
Bus rotation is supported. Table 5 and Table 6 outline the various
output formats that are supported. All output modes are controlled
via I2C.
PIXEL DATA OUTPUT MODES FEATURES
The output pixel port features include:
•
8-/12-bit ITU-R BT.656 4:2:2 YCrCb with embedded time
codes and/or HS, VS, and FIELD output signals
•
16-/24-bit YCrCb with embedded time codes and/or HS
and VS/FIELD pin timing
•
24-bit YCrCb/RGB with embedded time codes and/or HS
and VS/FIELD pin timing
•
DDR 8-/12-bit 4:2:2 YCrCb
•
DDR 24-bit 4:4:4 RGB
Table 5. SDR 4:2:2 and 4:4:4 Output Modes
SDR 4:2:2
SDR 4:4:4
OP_FORMAT_SEL[7:0]
0x0
0x0A
0x80
0x8A
0x40
Pixel Output
8-Bit SDR
ITU-R BT.656
Mode 0
12-Bit SDR
ITU-R BT.656
Mode 2
16-Bit SDR
ITU-R BT.656 4:2:2
Mode 0
24-Bit SDR
ITU-R BT.656 4:2:2
Mode 2
24-Bit SDR 4:4:4
Mode 0
P23
High-Z
Y3, Cb3, Cr3
High-Z
Y3
R7
P22
High-Z
Y2, Cb2, Cr2
High-Z
Y2
R6
P21
High-Z
Y1, Cb1, Cr1
High-Z
Y1
R5
P20
High-Z
Y0, Cb0, Cr0
High-Z
Y0
R4
P19
High-Z
High-Z
High-Z
Cb3, Cr3
R3
P18
High-Z
High-Z
High-Z
Cb2, Cr2
R2
P17
High-Z
High-Z
High-Z
Cb1, Cr1
R1
P16
High-Z
High-Z
High-Z
Cb0, Cr0
R0
P15
Y7, Cb7, Cr7
Y11, Cb11, Cr11
Y7
Y11
G7
P14
Y6, Cb6, Cr6
Y10, Cb10, Cr10
Y6
Y10
G6
P13
Y5, Cb5, Cr5
Y9, Cb9, Cr9
Y5
Y9
G5
P12
Y4, Cb4, Cr4
Y8, Cb8, Cr8
Y4
Y8
G4
P11
Y3, Cb3, Cr3
Y7, Cb7, Cr7
Y3
Y7
G3
P10
Y2, Cb2, Cr2
Y6, Cb6, Cr6
Y2
Y6
G2
P9
Y1, Cb1, Cr1
Y5, Cb5, Cr5
Y1
Y5
G1
P8
Y0, Cb0, Cr0
Y4, Cb4, Cr4
Y0
Y4
G0
P7
High-Z
High-Z
Cb7, Cr7
Cb11, Cr11
B7
P6
High-Z
High-Z
Cb6, Cr6
Cb10, Cr10
B6
P5
High-Z
High-Z
Cb5, Cr5
Cb9, Cr9
B5
P4
High-Z
High-Z
Cb4, Cr4
Cb8, Cr8
B4
P3
High-Z
High-Z
Cb3, Cr3
Cb7, Cr7
B3
P2
High-Z
High-Z
Cb2, Cr2
Cb6, Cr6
B2
P1
High-Z
High-Z
Cb1, Cr1
Cb5, Cr5
B1
P0
High-Z
High-Z
Cb0, Cr0
Cb4, Cr4
B0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com