Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VGDS1-SIP Datasheet(PDF) 2 Page - CUI INC

Part # VGDS1-SIP
Description  DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGDS1-SIP Datasheet(HTML) 2 Page - CUI INC

  VGDS1-SIP Datasheet HTML 1Page - CUI INC VGDS1-SIP Datasheet HTML 2Page - CUI INC VGDS1-SIP Datasheet HTML 3Page - CUI INC VGDS1-SIP Datasheet HTML 4Page - CUI INC VGDS1-SIP Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VGDS1-SIP │ DESCRIPTION: DC-DC CONVERTER
date
09/07/2012 │ page 2 of 5
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
5 V model
12 V model
15 V model
24 V model
4.5
10.8
13.5
21.6
5
12
12
24
5.5
13.2
16.5
26.4
Vdc
Vdc
Vdc
Vdc
OUTPUT
parameter
conditions/description
min
typ
max
units
output power
0.1
1
W
line regulation
for Vin change of 1%
±1.2
%
load regulation
measured from 10% load to full load
10
15
%
voltage accuracy
see derating curves
switching frequency
100% load, typical input
250
kHz
temperature coefficient
±0.03
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
1s
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
for 1 minute at 1 mA max.
6,000
Vdc
isolation resistance
at 500 Vdc
1,000
MΩ
safety approvals
UL 60950 (E222736)
MTBF
3,500,000
hours
RoHS compliant
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-40
85
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
95
%
temperature rise
at full load
15
25
°C
lead temperature
1.5 mm from case for 10 seconds
300
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com