Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VGDS1-SIP Datasheet(PDF) 1 Page - CUI INC

Part # VGDS1-SIP
Description  DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGDS1-SIP Datasheet(HTML) 1 Page - CUI INC

  VGDS1-SIP Datasheet HTML 1Page - CUI INC VGDS1-SIP Datasheet HTML 2Page - CUI INC VGDS1-SIP Datasheet HTML 3Page - CUI INC VGDS1-SIP Datasheet HTML 4Page - CUI INC VGDS1-SIP Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date
09/07/2012
page
1 of 5
SERIES:
VGDS1-SIP │ DESCRIPTION: DC-DC CONVERTER
date
09/07/2012
page
1 of 5
FEATURES
• 1 W isolated output
• industry standard 7 pin SIP package
• single unregulated outputs
• 6,000 V isolation
• short circuit protection
• UL safety approvals
• wide temperature (-40~85°C)
• efficiency up to 78%
RoHS
PART NUMBER KEY
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency
UL60950
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
VGDS1-S5-D5-SIP
5
4.5~5.5
±5
±10
±100
1
150
72
YES
VGDS1-S5-D9-SIP
5
4.5~5.5
±9
±6
±56
1
150
72
YES
VGDS1-S5-D12-SIP
5
4.5~5.5
±12
±5
±42
1
150
75
YES
VGDS1-S5-D15-SIP
5
4.5~5.5
±15
±4
±33
1
150
75
YES
VGDS1-S12-D5-SIP
12
10.8~13.2
±5
±10
±100
1
150
75
YES
VGDS1-S12-D9-SIP
12
10.8~13.2
±9
±6
±56
1
150
76
YES
VGDS1-S12-D12-SIP
12
10.8~13.2
±12
±5
±42
1
150
78
YES
VGDS1-S12-D15-SIP
12
10.8~13.2
±15
±4
±33
1
150
78
YES
VGDS1-S15-D5-SIP
15
13.5~16.5
±5
±10
±100
1
150
74
NO
VGDS1-S15-D9-SIP
15
13.5~16.5
±9
±6
±56
1
150
75
NO
VGDS1-S15-D12-SIP
15
13.5~16.5
±12
±5
±42
1
150
78
NO
VGDS1-S15-D15-SIP
15
13.5~16.5
±15
±4
±33
1
150
78
NO
VGDS1-S24-D5-SIP
24
21.6~26.4
±5
±10
±100
1
150
72
YES
VGDS1-S24-D9-SIP
24
21.6~26.4
±9
±6
±56
1
150
76
YES
VGDS1-S24-D12-SIP
24
21.6~26.4
±12
±5
±42
1
150
78
YES
VGDS1-S24-D15-SIP
24
21.6~26.4
±15
±4
±33
1
150
78
YES
Notes:
1. ripple and noise are measured at 20 MHz BW
VGDS1 - SXX - DXX -SIP
Input Voltage
Output Voltage
Base Number
Packaging Style


Similar Part No. - VGDS1-SIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VGDS2-DIP CUI-VGDS2-DIP Datasheet
847Kb / 3P
DC-DC Converter
VGDS2-S12-D12-DIP CUI-VGDS2-S12-D12-DIP Datasheet
847Kb / 3P
DC-DC Converter
VGDS2-S12-D12-SIP CUI-VGDS2-S12-D12-SIP Datasheet
233Kb / 5P
DC-DC CONVERTER
VGDS2-S12-D15-DIP CUI-VGDS2-S12-D15-DIP Datasheet
847Kb / 3P
DC-DC Converter
VGDS2-S12-D15-SIP CUI-VGDS2-S12-D15-SIP Datasheet
233Kb / 5P
DC-DC CONVERTER
More results

Similar Description - VGDS1-SIP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com