Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT16652CSSC Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # 74ABT16652CSSC
Description  16-Bit Transceivers and Registers with 3-STATE Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT16652CSSC Datasheet(HTML) 7 Page - Fairchild Semiconductor

  74ABT16652CSSC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT16652CSSC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT16652CSSC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT16652CSSC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT16652CSSC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT16652CSSC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT16652CSSC Datasheet HTML 7Page - Fairchild Semiconductor 74ABT16652CSSC Datasheet HTML 8Page - Fairchild Semiconductor 74ABT16652CSSC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
Capacitance
Note 17: CI/O is measured at frequency, f = 1 MHz, per MIL-STD-883, Method 3012.
AC Loading
*Includes jig and probe capacitance
FIGURE 2. Standard AC Test Load
FIGURE 3. Test Input Signal Levels
Input Pulse Requirement
FIGURE 4. Test input Signal Requirements
AC Waveforms
FIGURE 5. Propagation Delay Waveforms for Inverting
and Non-Inverting Functions
FIGURE 6. Propagation Delay,
Pulse Width Waveforms
FIGURE 7. 3-STATE Output HIGH
and LOW Enable and Disable Times
FIGURE 8. Setup Time, Hold Time
and Recovery Time Waveforms
Symbol
Parameter
Typ
Units
Conditions
(TA = 25°C)
CIN
Input Capacitance
5.0
pF
VCC = 0V (non I/O pins)
CI/O (Note 17)
I/O Capacitance
11.0
pF
VCC = 5.0V (An, Bn)
Amplitude
Rep. Rate
tW
tr
tf
3.0V
1 MHz
500 ns
2.5 ns
2.5 ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com