Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTCM322 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTCM322
Description  MPPS Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTCM322 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTCM322 Datasheet HTML 1Page - Diodes Incorporated ZXTCM322 Datasheet HTML 2Page - Diodes Incorporated ZXTCM322 Datasheet HTML 3Page - Diodes Incorporated ZXTCM322 Datasheet HTML 4Page - Diodes Incorporated ZXTCM322 Datasheet HTML 5Page - Diodes Incorporated ZXTCM322 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SUMMARY
VCEO= 50V; RSAT = 68m ;IC= 4A
DESCRIPTION
Packaged in the innovative 2mm x 2mm MLP (Micro Leaded Package) outline,
this new 4
th generation low saturation transistor offers extremely low on state
losses making it ideal for use in DC-DC circuits and various driving and power
management functions.
Additionally users will also gain several other key benefits:
Performance capability equivalent to much larger packages
Improved circuit efficiency & power levels
Lower package height (nom 0.9mm)
PCB area and device placement savings
Reduced component count
FEATURES
• Low Equivalent On Resistance
• Extremely Low Saturation Voltage (100mV max @1A)
• h
FE specified up to 6A
• I
C= 4A Continuous Collector Current
• 2mm x 2mm MLP
APPLICATIONS
• DC - DC Converters
• Charging Circuits
• Power switches
• Motor control
ORDERING INFORMATION
DEVICE MARKING
SC
ZXTCM322
ISSUE 2 - JUNE 2002
1
MPPS™ Miniature Package Power Solutions
50V NPN LOW SATURATION TRANSISTOR
2mm x 2mm Single MLP
underside view
PINOUT
DEVICE
REEL
TAPE
WIDTH
QUANTITY
PER REEL
ZXTCM322TA
7
8mm
3000
ZXTCM322TC
13
8mm
10000
2mm x 2mm MLP
(single die)
OBSOLETE - PLEASE USE ZXTN619MA


Similar Part No. - ZXTCM322

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTCM322 ZETEX-ZXTCM322 Datasheet
185Kb / 6P
MPPS??Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR
ZXTCM322TA ZETEX-ZXTCM322TA Datasheet
185Kb / 6P
MPPS??Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR
ZXTCM322TC ZETEX-ZXTCM322TC Datasheet
185Kb / 6P
MPPS??Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR
More results

Similar Description - ZXTCM322

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTDAM832 ZETEX-ZXTDAM832 Datasheet
216Kb / 6P
MPPS Miniature Package Power Solutions DUAL 15V NPN LOW SATURATION SWITCHING TRANSISTOR
ZXTAM322 ZETEX-ZXTAM322 Datasheet
180Kb / 6P
MPPS Miniature Package Power Solutions 15V NPN LOW SATURATION TRANSISTOR
ZXTEM322 ZETEX-ZXTEM322 Datasheet
166Kb / 6P
MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
ZXTDC3M832 ZETEX-ZXTDC3M832 Datasheet
266Kb / 8P
MPPS Miniature Package Power Solutions DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTBM322 ZETEX-ZXTBM322 Datasheet
177Kb / 6P
MPPS??Miniature Package Power Solutions 20V NPN LOW SATURATION TRANSISTOR
ZXTCM322 ZETEX-ZXTCM322 Datasheet
185Kb / 6P
MPPS??Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR
ZXTDCM832 ZETEX-ZXTDCM832 Datasheet
214Kb / 6P
MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTEM322 ZETEX-ZXTEM322_06 Datasheet
209Kb / 6P
MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
ZXT2M322 ZETEX-ZXT2M322_07 Datasheet
164Kb / 6P
MPPS??Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT2M322 DIODES-ZXT2M322 Datasheet
363Kb / 6P
MPPS??Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
JANUARY 2007
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com