Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSF3205 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMSF3205
Description  SINGLE TMOS POWER MOSFET 11 AMPERES 20 VOLTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF3205 Datasheet(HTML) 1 Page - Motorola, Inc

  MMSF3205 Datasheet HTML 1Page - Motorola, Inc MMSF3205 Datasheet HTML 2Page - Motorola, Inc MMSF3205 Datasheet HTML 3Page - Motorola, Inc MMSF3205 Datasheet HTML 4Page - Motorola, Inc MMSF3205 Datasheet HTML 5Page - Motorola, Inc MMSF3205 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Product Preview
Medium Power Surface Mount Products
TMOS Single P-Channel
Field Effect Transistors
MiniMOS
™ devices are an advanced series of power MOSFETs
which utilize Motorola’s High Cell Density HDTMOS process. These
miniature surface mount MOSFETs feature ultra low RDS(on) and true
logic level performance. They are capable of withstanding high energy in
the avalanche and commutation modes and the drain–to–source diode
has a very low reverse recovery time. MiniMOS devices are designed for
use in low voltage, high speed switching applications where power
efficiency is important. Typical applications are dc–dc converters, and
power management in portable and battery powered products such as
computers, printers, cellular and cordless phones. They can also be
used for low voltage motor controls in mass storage products such as
disk drives and tape drives. The avalanche energy is specified to
eliminate the guesswork in designs where inductive loads are switched
and offer additional safety margin against unexpected voltage transients.
• Ultra Low RDS(on) Provides Higher Efficiency and Extends Battery Life
• Logic Level Gate Drive — Can Be Driven by Logic ICs
• Miniature SO–8 Surface Mount Package — Saves Board Space
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, With Soft Recovery
• IDSS Specified at Elevated Temperature
• Avalanche Energy Specified
• Mounting Information for SO–8 Package Provided
DEVICE MARKING
ORDERING INFORMATION
S3205
Device
Reel Size
Tape Width
Quantity
S3205
MMSF3205R2
13
″
12 mm embossed tape
4000 units
HDTMOS and MiniMOS are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Preferred devices are Motorola recommended choices for future use and best overall value.
This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice.
Order this document
by MMSF3205/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1998
CASE 751–06, Style 12
SO–8
MMSF3205
SINGLE TMOS
POWER MOSFET
11 AMPERES
20 VOLTS
RDS(on) = 0.015 OHM
Motorola Preferred Device
™
Source
1
2
3
4
8
7
6
5
Top View
Source
Source
Gate
Drain
Drain
Drain
Drain
D
S
G


Similar Part No. - MMSF3205

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMSF3300 MOTOROLA-MMSF3300 Datasheet
229Kb / 12P
SINGLE TMOS POWER MOSFET 30 VOLTS
MMSF3305 MOTOROLA-MMSF3305 Datasheet
80Kb / 4P
SINGLE TMOS POWER MOSFET 9.1 AMPERES 30 VOLTS
logo
ON Semiconductor
MMSF3350 ONSEMI-MMSF3350 Datasheet
296Kb / 12P
Single N?묬hannel Field Effect Transistor
August, 2006 ??Rev. 3
MMSF3350R2 ONSEMI-MMSF3350R2 Datasheet
296Kb / 12P
Single N?묬hannel Field Effect Transistor
August, 2006 ??Rev. 3
logo
Motorola, Inc
MMSF3P02HD MOTOROLA-MMSF3P02HD Datasheet
302Kb / 10P
SINGLE TMOS POWER MOSFET 3.0 AMPERES 20 VOLTS
More results

Similar Description - MMSF3205

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF3207 MOTOROLA-MMDF3207 Datasheet
84Kb / 4P
DUAL TMOS POWER MOSFET 7.8 AMPERES 20 VOLTS
MMDF4N01HD MOTOROLA-MMDF4N01HD Datasheet
281Kb / 10P
DUAL TMOS POWER MOSFET 4.0 AMPERES 20 VOLTS
MMDF6N02HD MOTOROLA-MMDF6N02HD Datasheet
193Kb / 10P
DUAL TMOS POWER MOSFET 6.0 AMPERES 20 VOLTS
MMDF7N02Z MOTOROLA-MMDF7N02Z Datasheet
190Kb / 10P
DUAL TMOS POWER MOSFET 7.0 AMPERES 20 VOLTS
MMSF10N02Z MOTOROLA-MMSF10N02Z Datasheet
184Kb / 10P
SINGLE TMOS POWER MOSFET 10 AMPERES 20 VOLTS
MMSF2P02E MOTOROLA-MMSF2P02E Datasheet
266Kb / 8P
SINGLE TMOS POWER MOSFET 2.5 AMPERES 20 VOLTS
MMSF3P02HD MOTOROLA-MMSF3P02HD Datasheet
302Kb / 10P
SINGLE TMOS POWER MOSFET 3.0 AMPERES 20 VOLTS
MMSF4N01HD MOTOROLA-MMSF4N01HD Datasheet
285Kb / 10P
TMOS MOSFET 5.8 AMPERES 20 VOLTS
MMSF5N02HD MOTOROLA-MMSF5N02HD Datasheet
293Kb / 10P
SINGLE TMOS POWER MOSFET 5.0 AMPERES 20 VOLTS
MMSF5P02HD MOTOROLA-MMSF5P02HD Datasheet
208Kb / 12P
SINGLE TMOS POWER MOSFET 8.7 AMPERES 20 VOLTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com