Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSF3205 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MMSF3205
Description  SINGLE TMOS POWER MOSFET 11 AMPERES 20 VOLTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF3205 Datasheet(HTML) 3 Page - Motorola, Inc

  MMSF3205 Datasheet HTML 1Page - Motorola, Inc MMSF3205 Datasheet HTML 2Page - Motorola, Inc MMSF3205 Datasheet HTML 3Page - Motorola, Inc MMSF3205 Datasheet HTML 4Page - Motorola, Inc MMSF3205 Datasheet HTML 5Page - Motorola, Inc MMSF3205 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMSF3205
3
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 0.25 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
20
—
—
TBD
—
—
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 20 Vdc, VGS = 0 Vdc)
(VDS = 20 Vdc, VGS = 0 Vdc, TJ = 70°C)
IDSS
—
—
—
—
1.0
5.0
µAdc
Gate–Body Leakage Current (VGS = ± 12 Vdc, VDS = 0)
IGSS
—
—
100
nAdc
ON CHARACTERISTICS(1)
Gate Threshold Voltage
(VDS = VGS, ID = 0.25 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
0.6
—
—
—
—
—
Vdc
mV/
°C
Static Drain–to–Source On–Resistance
(VGS = 4.5 Vdc, ID = 11 Adc)
(VGS = 2.5 Vdc, ID = 8.6 Adc)
RDS(on)
—
—
TBD
TBD
15
25
m
Ω
On–State Drain Current
(VDS ≤ 5.0 V, VGS = 4.5 V)
ID(on)
20
—
—
A
Forward Transconductance (VDS = 10 Vdc, ID = 11 Adc)
gFS
40
TBD
—
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
16 Vdc V
0 Vdc
Ciss
—
TBD
TBD
pF
Output Capacitance
(VDS = 16 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
—
TBD
TBD
Transfer Capacitance
f = 1.0 MHz)
Crss
—
TBD
TBD
SWITCHING CHARACTERISTICS(2)
Turn–On Delay Time
(V
10 Vd
I
1 0 Ad
td(on)
—
TBD
TBD
ns
Rise Time
(VDD = 10 Vdc, ID = 1.0 Adc,
VGS =4 5Vdc
tr
—
TBD
TBD
Turn–Off Delay Time
VGS = 4.5 Vdc,
RG = 6.0 Ω) (1)
td(off)
—
TBD
TBD
Fall Time
G
)( )
tf
—
TBD
TBD
Gate Charge
See Figure 8
(V
10 Vd
I
11 Ad
QT
—
TBD
TBD
nC
See Figure 8
(VDS = 10 Vdc, ID = 11 Adc,
Q1
—
TBD
—
( DS
, D
,
VGS = 4.5 Vdc) (1)
Q2
—
TBD
—
Q3
—
TBD
—
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage(1)
(IS = 2.1 Adc, VGS = 0 Vdc) (1)
(IS = 2.1 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
—
—
TBD
TBD
1.2
—
Vdc
Reverse Recovery Time
See Figure 15
(I
2 1 Ad
V
0 Vd
trr
—
TBD
TBD
ns
See Figure 15
(IS = 2.1 Adc, VGS = 0 Vdc,
ta
—
TBD
—
( S
,
GS
,
dIS/dt = 100 A/µs) (1)
tb
—
TBD
—
Reverse Recovery Stored Charge
QRR
—
TBD
—
µC
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.
(3) Reflects typical values.
Cpk =
Max limit – Typ
3 x SIGMA
(4) Repetitive rating; pulse width limited by maximum junction temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com