Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54AC164245 Datasheet(PDF) 19 Page - STMicroelectronics

Part # 54AC164245
Description  Rad-hard 16-bit transceiver, 3.3 V to 5 V bidirectional level shifter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54AC164245 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button 54AC164245 Datasheet HTML 14Page - STMicroelectronics 54AC164245 Datasheet HTML 15Page - STMicroelectronics 54AC164245 Datasheet HTML 16Page - STMicroelectronics 54AC164245 Datasheet HTML 17Page - STMicroelectronics 54AC164245 Datasheet HTML 18Page - STMicroelectronics 54AC164245 Datasheet HTML 19Page - STMicroelectronics 54AC164245 Datasheet HTML 20Page - STMicroelectronics 54AC164245 Datasheet HTML 21Page - STMicroelectronics 54AC164245 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
54AC164245
Package information
Doc ID 18093 Rev 2
19/22
Figure 8.
Flat-48 package mechanical drawing
Note: The upper metallic lid is not electrically connected to any pins, nor to the IC die inside
the package. Connecting any unused pins or the metal lid to ground or to the power supply
will not affect the electrical characteristics.
Table 9.
Flat-48 mechanical data
Dim
mm
inch
Typ
Min
Max
Typ
Min
Max
A
2.47
2.18
2.72
0.097
0.086
0.107
b
0.254
0.20
0.30
0.010
0.008
0.012
c
0.15
0.12
0.18
0.006
0.005
0.007
D
15.75
15.57
15.92
0.620
0.613
0.627
E
9.65
9.52
9.78
0.380
0.375
0.385
E2
6.35
6.22
6.48
0.250
0.245
0.255
E3
1.65
1.52
1.78
0.065
0.060
0.070
e
0.635
0.025
f0.20
0.008
L
8.38
6.85
9.40
0.330
0.270
0.370
Q
0.79
0.66
0.92
0.031
0.026
0.036
S1
0.43
0.25
0.61
0.017
0.010
0.024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com