Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54AC164245 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 54AC164245
Description  Rad-hard 16-bit transceiver, 3.3 V to 5 V bidirectional level shifter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54AC164245 Datasheet(HTML) 2 Page - STMicroelectronics

  54AC164245 Datasheet HTML 1Page - STMicroelectronics 54AC164245 Datasheet HTML 2Page - STMicroelectronics 54AC164245 Datasheet HTML 3Page - STMicroelectronics 54AC164245 Datasheet HTML 4Page - STMicroelectronics 54AC164245 Datasheet HTML 5Page - STMicroelectronics 54AC164245 Datasheet HTML 6Page - STMicroelectronics 54AC164245 Datasheet HTML 7Page - STMicroelectronics 54AC164245 Datasheet HTML 8Page - STMicroelectronics 54AC164245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Functional description
54AC164245
2/22
Doc ID 18093 Rev 2
1
Functional description
Figure 1.
Logic diagram
Table 2.
Function table
Enable, OEx
Direction, DIRx
Operation
L
L
B data to A bus
L
H
A data to B bus
HX
Isolation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com