Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54VCXH162245 Datasheet(PDF) 7 Page - STMicroelectronics

Part # 54VCXH162245
Description  Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6 V tolerant inputs and outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54VCXH162245 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 54VCXH162245 Datasheet HTML 3Page - STMicroelectronics 54VCXH162245 Datasheet HTML 4Page - STMicroelectronics 54VCXH162245 Datasheet HTML 5Page - STMicroelectronics 54VCXH162245 Datasheet HTML 6Page - STMicroelectronics 54VCXH162245 Datasheet HTML 7Page - STMicroelectronics 54VCXH162245 Datasheet HTML 8Page - STMicroelectronics 54VCXH162245 Datasheet HTML 9Page - STMicroelectronics 54VCXH162245 Datasheet HTML 10Page - STMicroelectronics 54VCXH162245 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
54VCXH162245
Maximum rating
Doc ID 10632 Rev 9
7/19
3.1
Recommended operating conditions
Table 4.
Recommended operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
1.8 to 3.6
V
VI
Input voltage
-0.3 to 3.6
V
VO
Output voltage (OFF state)
0 to 3.6
V
VO
Output voltage (high or low state)
0 to VCC
V
IOH, IOL
High or low level output current - A side (VCC = 3.0 to 3.6 V)
± 12
mA
IOH, IOL
High or low level output current - A side (VCC = 2.3 to 2.7 V)
± 8mA
IOH, IOL
High or low level output current - B side (VCC = 3.0 to 3.6 V)
± 24
mA
IOH, IOL
High or low level output current - B side (VCC = 2.3 to 2.7 V)
± 18
mA
Top
Operating temperature
-55 to 125
°C
dt/dv
Input rise and fall time (1)
1.
VIN from 0.8 V to 2 V at VCC = 3.0 V
0 to 10
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com