Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54VCXH162245 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 54VCXH162245
Description  Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6 V tolerant inputs and outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54VCXH162245 Datasheet(HTML) 5 Page - STMicroelectronics

  54VCXH162245 Datasheet HTML 1Page - STMicroelectronics 54VCXH162245 Datasheet HTML 2Page - STMicroelectronics 54VCXH162245 Datasheet HTML 3Page - STMicroelectronics 54VCXH162245 Datasheet HTML 4Page - STMicroelectronics 54VCXH162245 Datasheet HTML 5Page - STMicroelectronics 54VCXH162245 Datasheet HTML 6Page - STMicroelectronics 54VCXH162245 Datasheet HTML 7Page - STMicroelectronics 54VCXH162245 Datasheet HTML 8Page - STMicroelectronics 54VCXH162245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
54VCXH162245
Pin settings
Doc ID 10632 Rev 9
5/19
2.2
Pin description
2.3
Truth table
Note:
X = Do not care; Z = High Impedance
Table 1.
Pin description
Pin n°
Symbol
Name and function
1
1DIR
Directional control
2, 3, 5, 6, 8, 9, 11, 12
1B1 to 1B8
Data inputs/outputs
13, 14, 16, 17, 19, 20, 22, 23
2B1 to 2B8
Data inputs/outputs
24
2DIR
Directional control
25
2G
Output enable input
36, 35, 33, 32, 30, 29, 27, 26
2A1 to 2A8
Data inputs/outputs
47, 46, 44, 43, 41, 40, 38, 38
1A1 to 1A8
Data inputs/outputs
48
1G
Output enable input
4, 10, 15, 21, 28, 34, 39, 45
GND
Ground (0 V)
7, 18, 31, 42
VCC
Positive supply voltage
Table 2.
Truth table
Inputs
Function
Output
G
DIR
A bus
B bus
Yn
L
L
output
input
A = B
L
H
input
output
B = A
HX
Z
Z
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com