Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC151 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M54HC151
Description  Rad-hard high speed 2 to 6 V CMOS logic series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC151 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M54HC151 Datasheet HTML 2Page - STMicroelectronics M54HC151 Datasheet HTML 3Page - STMicroelectronics M54HC151 Datasheet HTML 4Page - STMicroelectronics M54HC151 Datasheet HTML 5Page - STMicroelectronics M54HC151 Datasheet HTML 6Page - STMicroelectronics M54HC151 Datasheet HTML 7Page - STMicroelectronics M54HC151 Datasheet HTML 8Page - STMicroelectronics M54HC151 Datasheet HTML 9Page - STMicroelectronics M54HC151 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
M54HC174
Rad-hard Hex D-Type Flip-Flop with
clear
50 krad
(Si)
ESCC
Y
9306/052
Flat-16 -
DIL-16
2.0
6.0
0 to
Vcc
-55 °C
to 125 °C
M54HC175
Rad-Hard Quad D-Type Flip-Flop
With Clear
Y
9203/052
Flat-16 -
DIL-16
2.0
6.0
M54HC191
Rad-Hard 4-bit synchronous binary
up/down counter
Y
9204/066
Flat-16 -
DIL-16
2.0
6.0
M54HC193
Rad-hard synchronous up/down
binary counter
Y
9204/065
Flat-16 -
DIL-16
2.0
6.0
M54HC194
Rad-hard 4-bit PIPO shit register
-
9306/047
Flat-16 -
DIL-16
2.0
6.0
4 Shift
Modes
M54HC237
Rad-hard 3-to-8 line decoder latch
Y
9205/021
Flat-16 -
DIL-16
2.0
6.0
M54HC238
Rad-hard 3-to-8 line decoder
Y
9205/016
Flat-16 -
DIL-16
2.0
6.0
M54HC240
Rad-hard octal bus buffer 3-state
inverter
Y
9401/034
Flat-20 -
DIL-20
2.0
6.0
Independe
nt enables
TTL
compatible
M54HCT240
Rad-hard octal bus buffer 3-state
inverter
Y
9401/045
Flat-20 -
DIL-20
4.5
5.5
M54HC241
Rad-hard octal bus buffer 3-state
-
9401/035
Flat-20 -
DIL-20
2.0
6.0
Compleme
ntary
enables
M54HC244
Rad-hard octal bus buffer 3-state
Y
9401/048
Flat-20 -
DIL-20
2.0
6.0
Inverted
enables
M54HCT244 Rad-hard octal bus buffer 3-state
Y
9402/009
Flat-20 -
DIL-20
4.5
5.5
Inverted
enables
TTL
compatible
Table 1.
Device summary (continued)
Part number
Description
Radiation
level
Agency
qualification
EPPL
ESCC
specification
Package
Vcc
Vin
range
Other
features
Temp.
range
Min Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com