Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC151 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M54HC151
Description  Rad-hard high speed 2 to 6 V CMOS logic series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC151 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M54HC151 Datasheet HTML 9Page - STMicroelectronics M54HC151 Datasheet HTML 10Page - STMicroelectronics M54HC151 Datasheet HTML 11Page - STMicroelectronics M54HC151 Datasheet HTML 12Page - STMicroelectronics M54HC151 Datasheet HTML 13Page - STMicroelectronics M54HC151 Datasheet HTML 14Page - STMicroelectronics M54HC151 Datasheet HTML 15Page - STMicroelectronics M54HC151 Datasheet HTML 16Page - STMicroelectronics M54HC151 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
M54HCxxx - M54HCTxxx
Radiation data
Doc ID 17367 Rev 2
13/29
4
Radiation data
Each wafer lot is qualified at 50 krad (Si) total dose as per ESCC 22900 specification at 210
rad/hour.
The HC/HCT series is characterized under heavy Ion on 4 functions representative of the
whole series and qualified as per the results of this characterization.
Detailed results are provided in the table below:
Table 6.
Radiation data
Function
Result
Gate: 54HC08
SEL and SEU free for LET [ 111 MeV/mg/cm²
Multiplexer 54HC157
SEL and SEU free for LET[ 111 MeV/mg/cm²
Flip-flop 54HC273
SEL free for LET [ 111 MeV/mg/cm²
SEU: LETth = 16MeV/mg/cm², σsat = 1.7x10
-4 cm²
Counter 54HC4040
SEL free for LET [ 111 MeV/mg/cm²
SEU: LETth = 34MeV/mg/cm², σsat = 4.2x10
-4 cm²
Analog Mux/Demux 54HC4053
SEL free for LET [ 111 MeV/mg/cm²
SEU: LETth = 7MeV/mg/cm², σsat = 2.4x10
-4 cm²”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com