Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF22NM60N Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF22NM60N
Description  N-channel 600 V, 0.2 廓, 16 A MDmesh??II Power MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF22NM60N Datasheet(HTML) 1 Page - STMicroelectronics

  STF22NM60N Datasheet HTML 1Page - STMicroelectronics STF22NM60N Datasheet HTML 2Page - STMicroelectronics STF22NM60N Datasheet HTML 3Page - STMicroelectronics STF22NM60N Datasheet HTML 4Page - STMicroelectronics STF22NM60N Datasheet HTML 5Page - STMicroelectronics STF22NM60N Datasheet HTML 6Page - STMicroelectronics STF22NM60N Datasheet HTML 7Page - STMicroelectronics STF22NM60N Datasheet HTML 8Page - STMicroelectronics STF22NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
January 2011
Doc ID 15853 Rev 4
1/23
23
STB22NM60N, STF22NM60N, STI22NM60N
STP22NM60N, STW22NM60N
N-channel 600 V, 0.2
Ω, 16 A MDmesh™ II Power MOSFET
in D2PAK, TO-220FP, I2PAK, TO-220 and TO-247
Features
■ 100% avalanche tested
■ Low input capacitance and gate charge
■ Low gate input resistance
Application
Switching applications
Description
These devices are made using the second
generation of MDmesh™ technology. This
revolutionary Power MOSFET associates a new
vertical structure to the company’s strip layout to
yield one of the world’s lowest on-resistance and
gate charge. It is therefore suitable for the most
demanding high efficiency converters.
Figure 1.
Internal schematic diagram
Order codes
VDSS
(@Tjmax)
RDS(on)
max.
ID
STB22NM60N
650 V
< 0.22
Ω
16 A
STF22NM60N
650 V
< 0.22
Ω
16 A
STI22NM60N
650 V
< 0.22
Ω
16 A
STP22NM60N
650 V
< 0.22
Ω
16 A
STW22NM60N
650 V
< 0.22
Ω
16 A
1
3
1
2
3
1
2
3
D²PAK
TO-220FP
TO-220
1
2
3
TO-247
1
2
3
I²PAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB22NM60N
22NM60N
D²PAK
Tape and reel
STF22NM60N
TO-220FP
Tube
STI22NM60N
I²PAK
STP22NM60N
TO-220
STW22NM60N
TO-247
www.st.com


Similar Part No. - STF22NM60N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF22NM60N ISC-STF22NM60N Datasheet
290Kb / 2P
Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STF22NM60N VBSEMI-STF22NM60N Datasheet
1Mb / 11P
N-Channel 650-V (D-S) Super Junction MOSFET
logo
STMicroelectronics
STF22NM60ND STMICROELECTRONICS-STF22NM60ND Datasheet
790Kb / 13P
Automotive-grade N-channel 600 V, 0.17 Ω typ., 17 A FDmesh™ II Power MOSFET in a TO-220FP package
03-Aug-2015
More results

Similar Description - STF22NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW43NM60N STMICROELECTRONICS-STW43NM60N Datasheet
500Kb / 12P
N-channel 600 V, 0.075 Ω, 35 A MDmesh??II Power MOSFET TO-247
14-Jan-2009
STL13NM60N STMICROELECTRONICS-STL13NM60N Datasheet
835Kb / 14P
N-channel 600 V, 0.320 Ω, 10 A PowerFLAT??(8x8) HV MDmesh??II Power MOSFET
23-May-2011
STL18NM60N STMICROELECTRONICS-STL18NM60N Datasheet
610Kb / 14P
N-channel 600 V, 0.260 Ω, 6 A PowerFLAT™8x8 HV MDmesh™II Power MOSFET
03-Nov-2011
STL24NM60N STMICROELECTRONICS-STL24NM60N Datasheet
564Kb / 14P
N-channel 600 V, 0.200 Ω, 16 A PowerFLAT™8x8 HV MDmesh™II Power MOSFET
10-Nov-2011
STF24NM60N STMICROELECTRONICS-STF24NM60N Datasheet
996Kb / 19P
N-channel 600 V, 0.168 廓, 17 A MDmesh??II Power MOSFET
22-Aug-2011
STW56NM60N STMICROELECTRONICS-STW56NM60N Datasheet
415Kb / 11P
N-channel 600 V, 0.05 Ω, 45 A TO-247 MDmesh™II Power MOSFET
18-Jul-2011
STB24NM60N STMICROELECTRONICS-STB24NM60N Datasheet
899Kb / 15P
N-channel 600 V, 0.168, 17 A MDmesh II Power MOSFET
STD3NM60N STMICROELECTRONICS-STD3NM60N Datasheet
909Kb / 15P
N-channel 600 V, 1.6 廓, 3.3 A, MDmesh??II Power MOSFET in DPAK package
10-May-2012
STF13NM60N-H STMICROELECTRONICS-STF13NM60N-H Datasheet
791Kb / 13P
N-channel 600 V, 0.28 廓, 11 A MDmesh??II Power MOSFET in TO-220FP
08-Jan-2010
STFI13NM60N STMICROELECTRONICS-STFI13NM60N Datasheet
782Kb / 12P
N-channel 600 V, 0.28 Ω, 11 A MDmesh™II Power MOSFET in I²PAKFP package
15-May-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com