Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPS1045 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # PPS1045
Description  Surface Mount Schottky Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

PPS1045 Datasheet(HTML) 1 Page - Diotec Semiconductor

  PPS1045 Datasheet HTML 1Page - Diotec Semiconductor PPS1045 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PPS1020 ... PPS1045
PPS1020 ... PPS1045
Surface Mount Schottky Rectifiers
Schottky-Gleichrichter für die Oberflächenmontage
Version 2013-02-26
Dimensions - Maße [mm]
Nominal Current
Nennstrom
10 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
30...45 V
Plastic case
Kunststoffgehäuse
Power SMD
Weight approx.
Gewicht ca.
0.1 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Green Molding
Standard Lieferform gegurtet auf Rolle
Halogen-Free
Features
Vorteile
Optimized trade-off between VF and IR
Compatible to industry standard packages
Optimaler Kompromiss zwischen VF und IR
Kompatibel zu industrieüblichen Gehäusen
Maximum ratings and Characteristics
Grenz- und Kennwerte
Type
Typ
Repetitive / Surge peak reverse voltage
Periodische- / Spitzen-Sperrspannung
VRRM [V] / VRSM [V]
Forward Voltage
Durchlass-Spannung
VF [V] Tj = 125°C
Forward Voltage
Durchlass-Spannung
VF [V] 1) 2)
IF = 5 A
IF = 5 A
IF = 10 A
PPS1030
30
typ. 0.31
< 0.44
< 0.49
PPS1040
40
typ. 0.31
< 0.44
< 0.49
PPS1045
45
typ. 0.31
< 0.44
< 0.49
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TC = 100°C
IFAV
10 A 2)
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
50 A 2)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
250/275 A 2)
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
310 A2s 2)
Junction temperature – Sperrschichttemperatur
... in DC forward mode – bei Gleichstrom-Durchlassbetrieb
Storage temperature – Lagerungstemperatur
Tj
Tj
TS
-50...+150°C
≤ 200 °C 3)
-50...+150°C
1
Tj = 25°C
2
Both anode pins connected – Beide Anodenanschlüsse kontaktiert
3
For more details, ask for the Diotec Application Note “Reliability of Bypass Diodes”
Weitere Infos in der Diotec Applikationsschrift „Reliability of Bypass Diodes”
© Diotec Semiconductor AG
http://www.diotec.com/
1
4.0±0.2
0.29
1.1±0.2
0.9
1.8±0.1
LYYWW
0.8
±0.15
1.84
1.3±0.2
3.0
±0.1


Similar Part No. - PPS1045

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
PPS1045 DIOTEC-PPS1045 Datasheet
132Kb / 2P
Surface Mount Schottky Rectifiers
PPS1045 DIOTEC-PPS1045 Datasheet
132Kb / 2P
Surface Mount Schottky Rectifiers
PPS1045 DIOTEC-PPS1045 Datasheet
181Kb / 2P
SMD Schottky Barrier Rectifier Diodes
PPS1045-3G DIOTEC-PPS1045-3G Datasheet
161Kb / 2P
SMD Schottky Barrier Rectifier Diodes
More results

Similar Description - PPS1045

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
Surface Mount Schottky Rectifiers
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA_07 Datasheet
103Kb / 2P
Surface Mount Schottky Rectifiers
logo
Guangdong Juxing Electr...
MASK32 JUXING-MASK32 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
SL1045 JUXING-SL1045 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
SK1040XT JUXING-SK1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
SL10T150 JUXING-SL10T150 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
GSD1045S JUXING-GSD1045S Datasheet
4Mb / 2P
Surface Mount Schottky Rectifiers
MBR1040XT JUXING-MBR1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SSU13S YFWDIODE-SSU13S Datasheet
480Kb / 3P
SURFACE MOUNT SCHOTTKY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com