Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPS1045 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # PPS1045
Description  Surface Mount Schottky Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

PPS1045 Datasheet(HTML) 2 Page - Diotec Semiconductor

  PPS1045 Datasheet HTML 1Page - Diotec Semiconductor PPS1045 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PPS1020 ... PPS1045
Characteristics
Kennwerte
Leakage current
Sperrstrom
Tj = 25°C
Tj = 100°C
VR = VRRM
VR = VRRM
IR
IR
< 300 µA
typ. 10 mA
Thermal resistance junction to case
Wärmewiderstand Sperrschicht - Gehäuse
RthC
< 2.0 K/W
Typical Junction Capacitance
Typische Sperrschichtskapazität
VR = 4V
CJ
800 pF
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[% ]
I
FAV
Rated forward current vs. temp. of the case
in Abh. v. d. Temp. des Gehäuses
Zul. Richtstrom
[°C]
T
C
150
100
50
0
DC forward
10
10
10
1
10
3
-1
2
[mA]
I
R
0
V
RRM
40
60
80
100 [%]
Typ. instantaneous leakage current vs. rev. voltage
Typ. Sperrstrom (Augenblickswert) ü. Sperrspannung
T = 25°C
j
T = 150°C
j
T = 125°C
j
T = 75°C
j
V
= 30V ... 45V
RRM
T = 100°C
j
10
10
1
10
10
2
-1
-2
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0
V
F
0.4
0.6
[V] 1.0
T = 25°C
j
T = 125°C
j



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com