Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5658-Q Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # 2SC5658-Q
Description  NPN Transistor Small Signal Product
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

2SC5658-Q Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  2SC5658-Q Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 2SC5658-Q Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 2SC5658-Q Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SOT-723
RM
SOT-723
RM
SOT-723
RM
Dimensions
Min
Max
Min
Max
A
-
0.50
-
0.020
A1
0.00
0.05
0.000
0.002
b
0.17
0.27
0.007
0.011
b1
0.27
0.37
0.011
0.015
c
-
0.150
-
0.006
D
1.15
1.25
0.045
0.049
E
1.15
1.25
0.045
0.049
E1
0.75
0.85
0.030
0.033
e
θ
Version:A13
BQ
BR
BS
0.80
7° REF
7° REF
0.031
Ordering information
Part No.
Package
Packing
Packing
code
Packing code
(Green)
Marking
2SC5658-Q
8K / 7" Reel
RMG
2SC5658-R
8K / 7" Reel
RMG
2SC5658-S
8K / 7" Reel
RMG
DIM.
Unit(mm)
Unit(inch)
0.1
1
10
100
0.1
1
10
100
REVERSE VOLTAGE, V(V)
FIG. 7 Cob/Cib - VCB/VEB
f = 1MHz
IE=0, IC=0
TA=25℃
Cib
Cob
0
25
50
75
100
125
0
25
50
75
100
125
150
AMBIENT TEMPERATURE TA(℃)
FIG. 8 PC -TA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com