Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5658-Q Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 2SC5658-Q
Description  NPN Transistor Small Signal Product
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

2SC5658-Q Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  2SC5658-Q Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 2SC5658-Q Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 2SC5658-Q Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CREAT BY ART
Epitaxial planar die construction
Surface device type mounting
Moisture sensitivity level 1
Low Cob
Pb free version and RoHS compliant
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
Complements the 2SA2029
1. BASE
Case : SOT-723 small outline plastic package
2. EMITTER
per MIL-STD-202, Method 208 guaranteed
3. COLLECTOR
High temperature soldering guaranteed: 260℃/10s
2SC5658-Q
SOT-723
8K / 7" Reel
RM
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
Units
VCBO
V
VCEO
V
VEBO
V
IC
mA
PC
mW
TJ
OC
TSTG
OC
Characteristics at TA=25℃
Symbol
Units
V(BR)CBO
V
V(BR)CEO
V
V(BR)EBO
V
ICBO
uA
IEBO
uA
hFE
VCE(sat)
V
Transition Frequency
fT
MHz
Output Capacitance
Cob
pF
Classification of hFE
Rank
Range
Version:A13
Collector Emitter Saturation Voltage
at IC=50mA, IB=5mA
Emitter Base Breakdown Voltage
at IE=50uA, IC=0
7-
DC Current Transfer ratio
3.5
120
-
560
at VCE=6V, IC=1mA
-
at VEB=7V, IC=0
0.4
-
Min.
--
0.1
-
-
Packing
Packing
code
Packing code
(Green)
at VCE=12V, IC=2mA, f=100MHz
at VCB=12V, f=1MHz
Collector Emitter Voltage
-
-
Collector Cutoff Current
RMG
Small Signal Product
NPN Transistor
Ordering Information (example)
Part No.
60
Package
Mechanical Data
Collector Base Voltage
Parameter
Collector Dissipation
100
-
60
Collector Base Breakdown Voltage
Emitter Cutoff Current
50
Typ.
Max.
-
-
Storage Temperature Range
- 55 to + 150
Junction Temperature
150
at VCB=60V, IE=0
Collector Emitter Breakdown Voltage
180
0.1
-
Emitter Base Voltage
Collector Current
150
at IC=50uA, IE=0
Parameter
-
-
2SC5658-Q/R/S
Features
at IC=1mA, IB=0
50
-
SOT-723
Marking
BQ
Limits
7
RS
120~270
180~390
270~560
Q


Similar Part No. - 2SC5658-Q

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
2SC5658-Q TSC-2SC5658-Q Datasheet
227Kb / 3P
NPN Transistor
logo
Micro Commercial Compon...
2SC5658-Q MCC-2SC5658-Q Datasheet
652Kb / 4P
NPN General Purpose Transistors
logo
SeCoS Halbleitertechnol...
2SC5658-Q-C SECOS-2SC5658-Q-C Datasheet
311Kb / 2P
NPN Plastic Encapsulated Transistor
logo
Taiwan Semiconductor Co...
2SC5658-Q TSC-2SC5658-Q_16 Datasheet
589Kb / 5P
Taiwan Semiconductor
More results

Similar Description - 2SC5658-Q

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MMBT3904 STMICROELECTRONICS-MMBT3904 Datasheet
58Kb / 4P
SMALL SIGNAL NPN TRANSISTOR
Jun-2002
PN2222A STMICROELECTRONICS-PN2222A Datasheet
65Kb / 6P
SMALL SIGNAL NPN TRANSISTOR
Feb-2003
logo
Transys Electronics
2N4124 TRSYS-2N4124 Datasheet
124Kb / 1P
NPN SMALL SIGNAL TRANSISTOR
logo
General Semiconductor
BCX70 GE-BCX70 Datasheet
55Kb / 3P
Small Signal Transistor (NPN)
logo
Taiwan Semiconductor Co...
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
NPN Small Signal Transistor Small Signal Diode
DTC114 TSC-DTC114 Datasheet
434Kb / 3P
NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
NPN Small Signal Transistor Small Signal Diode
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
NPN Small Signal Transistor Small Signal Diode
BC846A TSC-BC846A_14 Datasheet
218Kb / 5P
NPN Small Signal Transistor
DTC123YE TSC-DTC123YE Datasheet
764Kb / 5P
NPN Small Signal Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com