Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW77N65M5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STW77N65M5
Description  N-channel 650 V, 0.033 ohm, 69 A, MDmesh V Power MOSFET TO-247
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW77N65M5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STW77N65M5 Datasheet HTML 3Page - STMicroelectronics STW77N65M5 Datasheet HTML 4Page - STMicroelectronics STW77N65M5 Datasheet HTML 5Page - STMicroelectronics STW77N65M5 Datasheet HTML 6Page - STMicroelectronics STW77N65M5 Datasheet HTML 7Page - STMicroelectronics STW77N65M5 Datasheet HTML 8Page - STMicroelectronics STW77N65M5 Datasheet HTML 9Page - STMicroelectronics STW77N65M5 Datasheet HTML 10Page - STMicroelectronics STW77N65M5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
STW77N65M5
Electrical characteristics
Doc ID 15322 Rev 3
7/14
Figure 8.
Capacitance variations
Figure 9.
Output capacitance stored energy
Figure 10.
Normalized gate threshold voltage
vs temperature
Figure 11.
Normalized on resistance vs
temperature
Figure 12.
Source-drain diode forward
characteristics
Figure 13.
Normalized BVDSS vs temperature
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
10000
100
Ciss
Coss
Crss
100000
AM04970v1
Eoss
15
10
5
0
0
100
VDS(V)
(µJ)
400
20
200 300
25
30
500
600
35
40
AM04971v1
VGS(th)
1.00
0.90
0.80
0.70
-50
0
TJ(°C)
(norm)
-25
1.10
75
25
50
100
AM04972v1
RDS(on)
1.7
1.5
0.9
0.5
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.7
1.1
1.3
1.9
2.1
125
ID= 34.5 A
VGS= 10 V
AM05501v1
VSD
0
20
ISD(A)
(V)
10
50
30
40
0
0.2
0.4
0.6
0.8
1.0
1.2
TJ=-50°C
TJ=150°C
TJ=25°C
AM04974v1
BVDSS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.93
0.95
0.97
0.99
1.01
1.05
1.07
1.03
ID = 1mA
AM04967v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com