Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW77N65M5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STW77N65M5
Description  N-channel 650 V, 0.033 ohm, 69 A, MDmesh V Power MOSFET TO-247
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW77N65M5 Datasheet(HTML) 4 Page - STMicroelectronics

  STW77N65M5 Datasheet HTML 1Page - STMicroelectronics STW77N65M5 Datasheet HTML 2Page - STMicroelectronics STW77N65M5 Datasheet HTML 3Page - STMicroelectronics STW77N65M5 Datasheet HTML 4Page - STMicroelectronics STW77N65M5 Datasheet HTML 5Page - STMicroelectronics STW77N65M5 Datasheet HTML 6Page - STMicroelectronics STW77N65M5 Datasheet HTML 7Page - STMicroelectronics STW77N65M5 Datasheet HTML 8Page - STMicroelectronics STW77N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STW77N65M5
4/14
Doc ID 15322 Rev 3
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 4.
On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 1 mA, VGS = 0
650
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = Max rating
VDS = Max rating, TC=125 °C
1
100
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 25 V
100
nA
VGS(th)
Gate threshold voltage VDS = VGS, ID = 250 µA
3
4
5
V
RDS(on)
Static drain-source on
resistance
VGS = 10 V, ID = 34.5 A
0.033
0.038
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 100 V, f = 1 MHz,
VGS = 0
-
9800
200
6
-
pF
pF
pF
Co(tr)
(1)
1.
Co(tr) is a constant capacitance value that gives the same charging time as Coss while VDS is rising from 0
to 80% VDSS.
Equivalent
capacitance time
related
VGS = 0, VDS = 0 to 520 V
-
590
-
pF
Co(er)
(2)
2.
Co(er) is a constant capacitance value that gives the same stored energy as Coss while VDS is rising from 0
to 80% VDSS.
Equivalent
capacitance energy
related
VGS = 0, VDS = 0 to 520 V
-
194
-
pF
RG
Intrinsic gate
resistance
f = 1 MHz open drain
-
1.2
-
Ω
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 520 V, ID = 34.5 A,
VGS = 10 V
(see Figure 16)
-
185
45
65
-
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com