Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F103RF Datasheet(PDF) 78 Page - STMicroelectronics

Part # STM32F103RF
Description  XL-density performance line ARM-based 32-bit MCU with 768 KB to 1 MB Flash, USB
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103RF Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STM32F103RF Datasheet HTML 74Page - STMicroelectronics STM32F103RF Datasheet HTML 75Page - STMicroelectronics STM32F103RF Datasheet HTML 76Page - STMicroelectronics STM32F103RF Datasheet HTML 77Page - STMicroelectronics STM32F103RF Datasheet HTML 78Page - STMicroelectronics STM32F103RF Datasheet HTML 79Page - STMicroelectronics STM32F103RF Datasheet HTML 80Page - STMicroelectronics STM32F103RF Datasheet HTML 81Page - STMicroelectronics STM32F103RF Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 120 page
background image
Electrical characteristics
STM32F103xF, STM32F103xG
78/120
Doc ID 16554 Rev 3
NAND controller waveforms and timings
Figure 36 through Figure 39 represent synchronous waveforms and Table 43 provides the
corresponding timings. The results shown in this table are obtained with the following FSMC
configuration:
●
COM.FSMC_SetupTime = 0x00;
●
COM.FSMC_WaitSetupTime = 0x02;
●
COM.FSMC_HoldSetupTime = 0x01;
●
COM.FSMC_HiZSetupTime = 0x00;
●
ATT.FSMC_SetupTime = 0x00;
●
ATT.FSMC_WaitSetupTime = 0x02;
●
ATT.FSMC_HoldSetupTime = 0x01;
●
ATT.FSMC_HiZSetupTime = 0x00;
●
Bank = FSMC_Bank_NAND;
●
MemoryDataWidth = FSMC_MemoryDataWidth_16b;
●
ECC = FSMC_ECC_Enable;
●
ECCPageSize = FSMC_ECCPageSize_512Bytes;
●
TCLRSetupTime = 0;
●
TARSetupTime = 0;
Table 41.
Switching characteristics for PC Card/CF read and write cycles in I/O space
Symbol
Parameter
Min
Max
Unit
tw(NIOWR)
FSMC_NIOWR low width
8 THCLK
-
ns
tv(NIOWR-D)
FSMC_NIOWR low to FSMC_D[15:0] valid
-
5 THCLK -
4
ns
th(NIOWR-D)
FSMC_NIOWR high to FSMC_D[15:0] invalid
11THCLK -
7
-ns
td(NCE4_1-NIOWR)
FSMC_NCE4_1 low to FSMC_NIOWR valid
-
5THCLK +
1
ns
th(NCEx-NIOWR)
FSMC_NCEx high to FSMC_NIOWR invalid
5THCLK -
2.5
-ns
td(NIORD-NCEx)
FSMC_NCEx low to FSMC_NIORD valid
-
5THCLK -
0.5
ns
th(NCEx-NIORD)
FSMC_NCEx high to FSMC_NIORD) valid
5 THCLK -
0.5
-ns
tw(NIORD)
FSMC_NIORD low width
8THCLK
-
ns
tsu(D-NIORD)
FSMC_D[15:0] valid before FSMC_NIORD high
28
ns
td(NIORD-D)
FSMC_D[15:0] valid after FSMC_NIORD high
3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com