Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F103RF Datasheet(PDF) 96 Page - STMicroelectronics

Part # STM32F103RF
Description  XL-density performance line ARM-based 32-bit MCU with 768 KB to 1 MB Flash, USB
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103RF Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM32F103RF Datasheet HTML 92Page - STMicroelectronics STM32F103RF Datasheet HTML 93Page - STMicroelectronics STM32F103RF Datasheet HTML 94Page - STMicroelectronics STM32F103RF Datasheet HTML 95Page - STMicroelectronics STM32F103RF Datasheet HTML 96Page - STMicroelectronics STM32F103RF Datasheet HTML 97Page - STMicroelectronics STM32F103RF Datasheet HTML 98Page - STMicroelectronics STM32F103RF Datasheet HTML 99Page - STMicroelectronics STM32F103RF Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 120 page
background image
Electrical characteristics
STM32F103xF, STM32F103xG
96/120
Doc ID 16554 Rev 3
Table 57.
I2S characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
DuCy(SCK)
I2S slave input clock duty cycle
Slave mode
30
70
%
fCK
1/tc(CK)
I2S clock frequency
Master mode (data: 16 bits,
Audio frequency = 48 kHz)
1.522
1.525
MHz
Slave mode
0
6.5
tr(CK)
tf(CK)
I2S clock rise and fall time
Capacitive load CL = 50 pF
-
8
ns
tv(WS)
(1)
WS valid time
Master mode
3
-
th(WS)
(1)
WS hold time
Master mode
I2S2
2
-
I2S3
0
-
tsu(WS)
(1)
WS setup time
Slave mode
4
-
th(WS)
(1)
WS hold time
Slave mode
0
-
tw(CKH)
(1)
CK high and low time
Master fPCLK= 16 MHz, audio
frequency = 48 kHz
312.5
-
tw(CKL)
(1)
345
-
tsu(SD_MR)
(1)
Data input setup time
Master receiver
I2S2
2
-
I2S3
6.5
-
tsu(SD_SR)
(1)
Data input setup time
Slave receiver
1.5
-
th(SD_MR)
(1)(2)
Data input hold time
Master receiver
0
-
th(SD_SR)
(1)(2)
Slave receiver
0.5
-
tv(SD_ST)
(1)(2)
Data output valid time
Slave transmitter (after enable
edge)
-
18
th(SD_ST)
(1)
Data output hold time
Slave transmitter (after enable
edge)
11
-
tv(SD_MT)
(1)(2)
Data output valid time
Master transmitter (after enable
edge)
-
3
th(SD_MT)
(1)
Data output hold time
Master transmitter (after enable
edge)
0-
1.
Based on design simulation and/or characterization results, not tested in production.
2.
Depends on fPCLK. For example, if fPCLK=8 MHz, then TPCLK = 1/fPLCLK =125 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com