Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F103RF Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM32F103RF
Description  XL-density performance line ARM-based 32-bit MCU with 768 KB to 1 MB Flash, USB
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103RF Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32F103RF Datasheet HTML 97Page - STMicroelectronics STM32F103RF Datasheet HTML 98Page - STMicroelectronics STM32F103RF Datasheet HTML 99Page - STMicroelectronics STM32F103RF Datasheet HTML 100Page - STMicroelectronics STM32F103RF Datasheet HTML 101Page - STMicroelectronics STM32F103RF Datasheet HTML 102Page - STMicroelectronics STM32F103RF Datasheet HTML 103Page - STMicroelectronics STM32F103RF Datasheet HTML 104Page - STMicroelectronics STM32F103RF Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 120 page
background image
STM32F103xF, STM32F103xG
Electrical characteristics
Doc ID 16554 Rev 3
101/120
5.3.19
12-bit ADC characteristics
Unless otherwise specified, the parameters given in Table 62 are preliminary values derived
from tests performed under ambient temperature, fPCLK2 frequency and VDDA supply voltage
conditions summarized in Table 10.
Note:
It is recommended to perform a calibration after each power-up.
Table 62.
ADC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Power supply
2.4
-
3.6
V
VREF+
Positive reference voltage
2.4
-
VDDA
V
IVREF
Current on the VREF input
pin
-160
220(1)
µA
fADC
ADC clock frequency
0.6
-
14
MHz
fS
(2)
Sampling rate
0.05
-
1
MHz
fTRIG
(2)
External trigger frequency
fADC = 14 MHz
-
-
823
kHz
--
17
1/fADC
VAIN
Conversion voltage range(3)
0 (VSSA or VREF-
tied to ground)
-VREF+
V
RAIN
(2)
External input impedance
See Equation 1 and
Table 63 for details
--
50
k
Ω
RADC
(2)
Sampling switch resistance
-
-
1
k
Ω
CADC
(2)
Internal sample and hold
capacitor
--
8
pF
tCAL
(2)
Calibration time
fADC = 14 MHz
5.9
µs
83
1/fADC
tlat
(2)
Injection trigger conversion
latency
fADC = 14 MHz
-
-
0.214
µs
--
3(4)
1/fADC
tlatr
(2)
Regular trigger conversion
latency
fADC = 14 MHz
-
-
0.143
µs
--
2(4)
1/fADC
tS
(2)
Sampling time
fADC = 14 MHz
0.107
-
17.1
µs
1.5
-
239.5
1/fADC
tSTAB
(2)
Power-up time
0
0
1
µs
tCONV
(2)
Total conversion time
(including sampling time)
fADC = 14 MHz
1
18
µs
14 to 252 (tS for sampling +12.5 for
successive approximation)
1/fADC
1.
Based on characterization, not tested in production.
2.
Guaranteed by design, not tested in production.
3.
VREF+ can be internally connected to VDDA and VREF- can be internally connected to VSSA, depending on the package.
Refer to Section 3: Pinouts and pin descriptions for further details.
4.
For external triggers, a delay of 1/fPCLK2 must be added to the latency specified in Table 62.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com