Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F103RF Datasheet(PDF) 118 Page - STMicroelectronics

Part # STM32F103RF
Description  XL-density performance line ARM-based 32-bit MCU with 768 KB to 1 MB Flash, USB
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103RF Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STM32F103RF Datasheet HTML 112Page - STMicroelectronics STM32F103RF Datasheet HTML 113Page - STMicroelectronics STM32F103RF Datasheet HTML 114Page - STMicroelectronics STM32F103RF Datasheet HTML 115Page - STMicroelectronics STM32F103RF Datasheet HTML 116Page - STMicroelectronics STM32F103RF Datasheet HTML 117Page - STMicroelectronics STM32F103RF Datasheet HTML 118Page - STMicroelectronics STM32F103RF Datasheet HTML 119Page - STMicroelectronics STM32F103RF Datasheet HTML 120Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 118 / 120 page
background image
Revision history
STM32F103xF, STM32F103xG
118/120
Doc ID 16554 Rev 3
8
Revision history
Table 74.
Document revision history
Date
Revision
Changes
27-Oct-2009
1
Initial release.
15-Nov-2010
2
LQFP64 package mechanical data updated: see Figure 66: LQFP64 –
10 x 10 mm 64 pin low-profile quad flat package outline and Table 71:
LQFP64 – 10 x 10 mm 64 pin low-profile quad flat package mechanical
data.
Internal code removed from Table 73: STM32F103xF and
STM32F103xG ordering information scheme.
Updated note 2 below Table 54: I2C characteristics
Updated Figure 46: I2C bus AC waveforms and measurement circuit
Updated Figure 45: Recommended NRST pin protection
Updated note 1 below Table 49: I/O static characteristics
Updated Table 20: Peripheral current consumption
Updated Table 14: Maximum current consumption in Run mode, code
with data processing running from Flash
Updated Table 15: Maximum current consumption in Run mode, code
with data processing running from RAM
Updated Table 16: Maximum current consumption in Sleep mode, code
running from Flash or RAM
Updated Table 17: Typical and maximum current consumptions in Stop
and Standby modes
Updated Table 18: Typical current consumption in Run mode, code with
data processing running from Flash
Updated Table 19: Typical current consumption in Sleep mode, code
running from Flash or RAM
Updated Table 24: LSE oscillator characteristics (fLSE = 32.768 kHz)
Updated Figure 22: Asynchronous non-multiplexed
SRAM/PSRAM/NOR read waveforms on page 62
Added Section 5.3.13: I/O current injection characteristics on page 83
18-Jan-2012
3
Section 2.3.26: GPIOs (general-purpose inputs/outputs): modified text
of last sentence.
Table 5: STM32F103xF and STM32F103xG pin definitions: updated
pins PD0, PD1, OSC_IN, OSC_OUT, PB8, PB9, and PF8.
Table 7: Voltage characteristics: Removed the previous footnotes 2 and
3 and added current footnote 2.
Table 8: Current characteristics: updated footnotes 3, 4, and 5.
Table 21: High-speed external user clock characteristics: replaced the
tw(HSE) min value by 5 (instead of 16).
Table 24: LSE oscillator characteristics (fLSE = 32.768 kHz): updated
symbols and footnotes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com