Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2003AV Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA2003AV
Description  10 W car radio audio amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2003AV Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA2003AV Datasheet HTML 9Page - STMicroelectronics TDA2003AV Datasheet HTML 10Page - STMicroelectronics TDA2003AV Datasheet HTML 11Page - STMicroelectronics TDA2003AV Datasheet HTML 12Page - STMicroelectronics TDA2003AV Datasheet HTML 13Page - STMicroelectronics TDA2003AV Datasheet HTML 14Page - STMicroelectronics TDA2003AV Datasheet HTML 15Page - STMicroelectronics TDA2003AV Datasheet HTML 16Page - STMicroelectronics TDA2003AV Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TDA2003A
Application information
Doc ID 018796 Rev 4
13/19
Figure 22.
Voltage gain bridge configuration
Figure 23.
Suggested LC network circuit
3.1.2
Short-circuit (AC and DC conditions)
The TDA2003A can withstand a permanent short-circuit on the output for a supply voltage
up to 16 V.
3.1.3
Polarity inversion
High current (up to 5 A) can be handled by the device with no damage for a longer period
than the blow-out time of a quick 1 A fuse (normally connected in series with the supply).
This feature is added to avoid destruction if, during fitting to the car, a mistake on the
connection of the supply is made.
3.1.4
Open ground
When the radio is in the ON condition and the ground is accidentally opened, a standard
audio amplifier will be damaged. On the TDA2003A, protection diodes are included to avoid
any damage.
3.1.5
Inductive load
A protection diode is provided between pin 4 and 5 (see the internal schematic diagram) to
allow use of the TDA2003A with inductive loads. In particular, the TDA2003A can drive a
coupling transformer for audio modulation.
3.1.6
DC voltage
The maximum operating DC voltage on the TDA2003A is 18 V, however the device can
withstand a DC voltage up to 28 V with no damage. This could occur during winter if two
batteries were connected in series to crank the engine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com